Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0723 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0723 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0723 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0723 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature[1]
TA
–40
85
°C
Supply Voltages
VDD1, VDD2
0
6.0
Volts
Input Voltage
VI
–0.5
VDD1 +0.5
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Average Output Current
IO
10
mA
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
Logic Low Input Voltage
VIL
0.0
0.8
V
Input Signal Rise and Fall Times
tr, tf
1.0
ms
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25
°C, VDD1 = VDD2 = +5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Logic Low Input Supply Current[2]
IDD1L
710
mA
VI = 0 V
Logic High Input Supply Current[2]
IDD1H
1.8
3
mA
VI = VDD1
Output Supply Current
IDD2L
12.5
17.5
mA
IDD2H
12
16.5
mA
Input Current
II
–10
10
µA
Logic High Output Voltage
VOH
4.4
5.0
V
IO = –20
µA, VI = VIH
4.0
4.8
V
IO = –4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20
µA, VI = VIL
0.5
1.0
V
IO = 4 mA, VI = VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com