Electronic Components Datasheet Search
  English  ▼

X  

MSM6422 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6422
Description  High speed and Simple 4-Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6422 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6422 Datasheet HTML 1Page - OKI electronic componets MSM6422 Datasheet HTML 2Page - OKI electronic componets MSM6422 Datasheet HTML 3Page - OKI electronic componets MSM6422 Datasheet HTML 4Page - OKI electronic componets MSM6422 Datasheet HTML 5Page - OKI electronic componets MSM6422 Datasheet HTML 6Page - OKI electronic componets MSM6422 Datasheet HTML 7Page - OKI electronic componets MSM6422 Datasheet HTML 8Page - OKI electronic componets MSM6422 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
MSM6422
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
During reset
P0.0
I/O
4-bit input-output port
"1"
P0.1
P0.2
P0.3
P1.0
I/O
4-bit input-output port
"1"
P1.1
(pseudo bidirectional configuration)
P1.2
P1.3
P3.0
I/O
4-bit input-output port
"1"
P3.1
(pseudo bidirectional configuration)
P3.2
P3.3
P4.0
I/O
4-bit input-output port
"0"
P4.1
(pseudo bidirectional configuration)
P4.2
P4.3
P5.0
I/O
2-bit input-output port
"0"
P5.1
(pseudo bidirectional configuration)
P2.0/INT
I
1-bit input port with a latch
The latch is
Combined use with an interrupt input
(falling edge trigger input)
reset to "0".
OSC0
I
System clock (SYSCLK) input pin
—
This provides an oscillation circuit with OSC1 pin.
OSC1
O
System clock output pin
—
This provides an oscillation circuit with OSC0 pin.
RESET
I
RESET input pin
—
VDD
I
Power supply voltage pins
—
GND
(pseudo bidirectional configuration)
Ground pin
—
I
Pin
2
3
4
5
6
7
8
9
14
15
16
17
18
19
20
21
22
23
1
11
10
13
24
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com