Electronic Components Datasheet Search
  English  ▼

X  

MSM6422 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6422
Description  High speed and Simple 4-Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6422 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6422 Datasheet HTML 2Page - OKI electronic componets MSM6422 Datasheet HTML 3Page - OKI electronic componets MSM6422 Datasheet HTML 4Page - OKI electronic componets MSM6422 Datasheet HTML 5Page - OKI electronic componets MSM6422 Datasheet HTML 6Page - OKI electronic componets MSM6422 Datasheet HTML 7Page - OKI electronic componets MSM6422 Datasheet HTML 8Page - OKI electronic componets MSM6422 Datasheet HTML 9Page - OKI electronic componets MSM6422 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
MSM6422
¡ Semiconductor
100
0123456789 10
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
(Ta = 25°C)
0123456789 10
0
1
2
3
4
5
6
7
8
9
10
(Ta = 25°C, CL = 15 pF)
–40–20 0 20 40 60 80
120
0
1
2
3
4
5
6
7
8
9
10
(VDD = 5 V, CL = 15 pF)
123456789 10
0
2
4
6
8
10
12
14
16
18
20
(Ta = 25°C)
VOH (V)
VOL (V)
VDD (V)
Ta (°C)
0123456789 10
VDD (V)
(Ta = 25°C, no Load)
100 n
500 n
1 m
5 m
10 m
50 m
100 m
500 m
1 m
5 m
10 m
1 MHz
fOSC = 4 MHz
2 MHz
500 kHz
100 kHz
0 Hz
6 V
VDD = 5 V
4 V
3 V
VDD = 6 V
5 V
4 V
3 V
Operating Characteristics
Current (IOH) vs Voltage (VOH) for High
Level Output
Current (IOL) vs Voltage (VOL) for
Low Level Output
Maximum Clock Frequency (fOSC) vs
Supply Voltage (VDD)
Supply Current (IDD) vs Supply Voltage
(VDD)
Maximum Clock Frequency (fOSC) vs
Ambient Temperature (Ta)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com