Electronic Components Datasheet Search
  English  ▼

X  

MSM6422 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6422
Description  High speed and Simple 4-Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6422 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6422 Datasheet HTML 2Page - OKI electronic componets MSM6422 Datasheet HTML 3Page - OKI electronic componets MSM6422 Datasheet HTML 4Page - OKI electronic componets MSM6422 Datasheet HTML 5Page - OKI electronic componets MSM6422 Datasheet HTML 6Page - OKI electronic componets MSM6422 Datasheet HTML 7Page - OKI electronic componets MSM6422 Datasheet HTML 8Page - OKI electronic componets MSM6422 Datasheet HTML 9Page - OKI electronic componets MSM6422 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
MSM6422
¡ Semiconductor
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock (OSC0) Pulse Width
tfW
—
119
—
—
ns
Cycle Time
tCY
—
952
—
—
ns
Input Data Setup Time
tDS
—
120
—
—
ns
Input Data Hold Time
tDH
—
120
—
—
ns
Input Data/Input Clock Pulse
tDW
—
120
—
—
ns
Width
Data Delay Time
tDR
CL = 15 pF
—
—
tCY + 300
ns
(VDD = 5 V ±10%, Ta = –40 to +85°C)
tDR
P0, P1, P3,
P4, P5
1MC
OSC0
P0, P1, P3,
P4, P5
tfW
tfW
INPUT
DATA
tDS tDH
tDW
P2.0/INT
tCY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com