Electronic Components Datasheet Search
  English  ▼

X  

MSM6422 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6422
Description  High speed and Simple 4-Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6422 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6422 Datasheet HTML 1Page - OKI electronic componets MSM6422 Datasheet HTML 2Page - OKI electronic componets MSM6422 Datasheet HTML 3Page - OKI electronic componets MSM6422 Datasheet HTML 4Page - OKI electronic componets MSM6422 Datasheet HTML 5Page - OKI electronic componets MSM6422 Datasheet HTML 6Page - OKI electronic componets MSM6422 Datasheet HTML 7Page - OKI electronic componets MSM6422 Datasheet HTML 8Page - OKI electronic componets MSM6422 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
MSM6422
¡ Semiconductor
GENERAL DESCRIPTION
The MSM6422 is a low-power, single-chip device implemented in complementary metal-oxide
semiconductor technology.
The MSM6422 can be used in place of logic ICs configured around a main CPU, or for small-scale
systems such as home electronic equipment.
FEATURES
• ROM
: 2048 words ¥ 8 bits
• RAM
: 64 words ¥ 4 bits
• I/O port
Input-output port
: 4 ports ¥ 4 bits (pseudo bidirectional configuration)
1 port ¥ 2 bits (pseudo bidirectional configuration)
Input port
: 1 port ¥ 1 bit (combined use with an interrupt input)
• Instructions
: 63
• Two interrupt sources (1 internal, 1 external)
• Power down features
• Minimum instruction execution time
: 952 ns @ 4.2 MHz clock
• Crystal and ceramic oscillation
• Single 5 V power supply
• Package options:
24-pin plastic DIP (DIP24-P-600-2.54)
: (Product name : MSM6422-¥¥RS)
24-pin plastic SOP (SOP24-P-430-1.27-K) : (Product name : MSM6422-¥¥GS-K)
¥¥ indicates a code number.
¡ Semiconductor
MSM6422
High speed and Simple 4-Bit Microcontroller
E2E0016-38-93
This version: Sep. 1998
Previous version: Mar. 1996


Similar Part No. - MSM6422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6404 OKI-MSM6404 Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6404VS OKI-MSM6404VS Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
High speed and Simple 4-Bit Microcontroller
More results

Similar Description - MSM6422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
High speed and High performance 4-Bit Microcontroller
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
High speed and Simple 4-Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com