Electronic Components Datasheet Search
  English  ▼

X  

GX3 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # GX3
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GX3 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button GX3 Datasheet HTML 27Page - Cypress Semiconductor GX3 Datasheet HTML 28Page - Cypress Semiconductor GX3 Datasheet HTML 29Page - Cypress Semiconductor GX3 Datasheet HTML 30Page - Cypress Semiconductor GX3 Datasheet HTML 31Page - Cypress Semiconductor GX3 Datasheet HTML 32Page - Cypress Semiconductor GX3 Datasheet HTML 33Page - Cypress Semiconductor GX3 Datasheet HTML 34Page - Cypress Semiconductor GX3 Datasheet HTML 35Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 32 of 35
Ordering Information
Table 23. Ordering Information
Part Number
Description
CYUSB3610-68LTXC
68 PIN, QFN Package, Commercial Grade Temperature Range 0 °C to +70 °C (Green, Lead-Free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com