Electronic Components Datasheet Search
  English  ▼

X  

GX3 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # GX3
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GX3 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button GX3 Datasheet HTML 12Page - Cypress Semiconductor GX3 Datasheet HTML 13Page - Cypress Semiconductor GX3 Datasheet HTML 14Page - Cypress Semiconductor GX3 Datasheet HTML 15Page - Cypress Semiconductor GX3 Datasheet HTML 16Page - Cypress Semiconductor GX3 Datasheet HTML 17Page - Cypress Semiconductor GX3 Datasheet HTML 18Page - Cypress Semiconductor GX3 Datasheet HTML 19Page - Cypress Semiconductor GX3 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 16 of 35
EndPoint1 for SS/HS/FS (EEPROM:08h)
The time interval (named “bInterval”) for polling Interrupt IN endpoint 1 for data transfers of SuperSpeed/High-Speed/Full-Speed is
stored at EEPROM offset 08h. It is expressed in frames or microframes depending on the device operating speed (i.e. either
1 millisecond or 125 μs units).
The default “bInterval” value is 0Bh for Super-Speed/High-Speed (the polling time of endpoint 1 = 2(11-1) × 125 μs =128 ms) and is
80h for Full-Speed (the polling time of endpoint 1 = 128 × 1 ms = 128 ms).
Max. Burst for EP3/EP2 (EEPROM: 3Ch)
This value is bMaxBurst field in SS endpoint companion descriptor.
LED Mode (EEPROM: 42h)
LED Mode defines the indication setting for LED_0/1/2/3 function of MFA[0/1/2/3] pins.
Note: Bit 15 must be ‘1’ to enable the LED_mode setting; otherwise, it will work at default LED mode.
The LED mode table is as below:
Table 8. Bit 7~Bit 0: LED_Mode_LB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LED1_100
LED1_10
LED1_Active LED0_Duplex LED0_1000
LED0_100
LED0_10
LED0_Active
Table 9. Bit 15~Bit 8: LED_Mode_HB
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
1
LED2_Duplex LED2_1000
LED2_100
LED2_10
LED2_Active LED1_Duplex LED1_1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com