Electronic Components Datasheet Search
  English  ▼

X  

GX3 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # GX3
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GX3 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button GX3 Datasheet HTML 19Page - Cypress Semiconductor GX3 Datasheet HTML 20Page - Cypress Semiconductor GX3 Datasheet HTML 21Page - Cypress Semiconductor GX3 Datasheet HTML 22Page - Cypress Semiconductor GX3 Datasheet HTML 23Page - Cypress Semiconductor GX3 Datasheet HTML 24Page - Cypress Semiconductor GX3 Datasheet HTML 25Page - Cypress Semiconductor GX3 Datasheet HTML 26Page - Cypress Semiconductor GX3 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 23 of 35
DC Characteristics of 3.3 V I/O Pins
Table 15. DC Characteristics of 3.3 V I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vil
Input low voltage
LVTTL
–
–
0.8
V
Vih
Input high voltage
2.0
–
–
V
Vt-
Schmitt trigger negative going
threshold voltage
LVTTL
0.8
1.1
–
V
Vt+
Schmitt trigger positive going
threshold voltage
–1.6
2.0
V
Vol
Output low voltage
|Iol| = 4~8mA
–
–
0.4
V
Voh
Output high voltage
|Ioh| = 4~8mA
2.4
–
–
V
Vopu [12]
Output pull-up voltage for 5 V
tolerance I/O cells
PU = High, PD = Low E = 0,
|Ipu| = 1 μA
VIO – 0.9
–
–
V
Rpu
Input pull-up resistance
PU = High, PD = Low
40
75
190
KΩ
Rpd
Input pull-down resistance
PU = Low, PD = High
40
75
190
KΩ
Note
12. This parameter indicates that the pull-up resistor for the 5 V tolerance I/O cells cannot reach the VIO DC level even without the DC loading current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com