Electronic Components Datasheet Search
  English  ▼

X  

GX3 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # GX3
Description  EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GX3 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button GX3 Datasheet HTML 18Page - Cypress Semiconductor GX3 Datasheet HTML 19Page - Cypress Semiconductor GX3 Datasheet HTML 20Page - Cypress Semiconductor GX3 Datasheet HTML 21Page - Cypress Semiconductor GX3 Datasheet HTML 22Page - Cypress Semiconductor GX3 Datasheet HTML 23Page - Cypress Semiconductor GX3 Datasheet HTML 24Page - Cypress Semiconductor GX3 Datasheet HTML 25Page - Cypress Semiconductor GX3 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
CYUSB3610
Document Number: 001-94768 Rev. *C
Page 22 of 35
Recommended Operating Conditions
Leakage Current and Capacitance
Note: CIN includes the cell layout capacitance and pad capacitance (Estimated to be 0.5 pF).
Table 13. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCCK
Digital core power supply
1.14
1.2
1.26
V
U3TXVDDQ
Analog Power for USB Transceiver. 1.2 V
1.14
1.2
1.26
V
U3RXVDDQ
Analog Power for USB Transceiver. 1.2 V
1.14
1.2
1.26
V
E12VDDQ
Analog Power for Ethernet PHY. 1.2 V
1.14
1.2
1.26
V
E12VCC
Analog Power for Ethernet PHY. 1.2 V
1.14
1.2
1.26
V
VIO
Power supply of 3.3 V I/O
3.13
3.3
3.47
V
CVDDQ
Power supply of 3.3 V for clock pin.
3.13
3.3
3.47
V
A3V3
Analog Power 3.3 V for USB Transceiver.
3.13
3.3
3.47
V
E33VDDQ
Analog Power for Ethernet PHY. 3.3 V
2.97
3.3
3.63
V
E33VCC
Analog Power for Ethernet PHY. 3.3 V
2.97
3.3
3.63
V
VIN3
Input voltage of 3.3 V I/O
3.13
3.3
3.47
V
Input voltage of 3.3 V I/O with 5 V tolerance
3.13
3.3
5.25
V
Tj
Maximum junction operating temperature
–
–
125
°C
Ta
Ambient operating temperature
0
–
70
°C
Table 14. Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIN
True 3.3 V I/O input leakage
current
VIN = 3.3 V or 0 V
–
≤±1
–
μA
3.3 V with 5 V tolerance I/O input
leakage current
VIN = 5 V or 0 V
–<±1
–
pF
CIN
Input capacitance
3.3 V I/O cells
–
2.25
–
pF
3.3 V with 5 V tolerant I/O cells
–
3.6
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com