Electronic Components Datasheet Search
  English  ▼

X  

BMA423 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMA423
Description  Digital, triaxial acceleration sensor
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA423 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMA423 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Data Sheet
BMA423
Page 13
BST-BMA423-DS000-00 | Version 1.0 | August 2017
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties.
BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Example 2: Reading acceleration data from BMA423 (example: low power mode)
-setting data processing parameters (power, bandwidth, range) and reading sensor data
End
start
enable acquisiton of acceleration data.
disable the auxiliary interface
write_reg(addr=0x7D,val=0x04)
disable the acc_perf_mode bit; set
acc_bwp to 2 repetitions; set acc_odr to 50 Hz
write_reg(addr=0x40,val=0x17)
enable the adv_power_save bit;
leave the fifo_self_wakeup enabled
write_reg(addr=0x7C,val=0x03)
read sensor data
accel_data[]=burst_read(addr=0x12, bytes=6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com