Electronic Components Datasheet Search
  English  ▼

X  

BMA423 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMA423
Description  Digital, triaxial acceleration sensor
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA423 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMA423 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 129 page
background image
Data Sheet
BMA423
Page 19
BST-BMA423-DS000-00 | Version 1.0 | August 2017
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties.
BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The auxiliary sensor functionality is supported only when the auxiliary interface is connected for the
auxiliary sensor operation. If the auxiliary interface is not used for auxiliary sensor operation, then the
auxiliary sensor interface must remain disabled by setting PWR_CTRL.aux_en=0b0 (default).
To change the power mode of the auxiliary sensor, both the power mode of the auxiliary interface and
the auxiliary sensor part needs to be changed, e.g. to set the auxiliary sensor to suspend mode:
 Set the auxiliary sensor interface to suspend in Register PWR_CTRL.aux_en=0b0. Changing
the auxiliary sensor interface power mode to suspend does not imply any mode change in the
auxiliary sensor.
 The auxiliary sensor part itself must be put into suspend mode by writing the respective
configuration bits of the auxiliary sensor part. The power mode of the auxiliary sensor part is
controlled by setting the BMA423 auxiliary sensor interface into manual mode by
AUX_IF_CONF.aux_manual_en=0b1 and then communicating with the auxiliary sensor part
through the BMA423 registers AUX_RD_ADDR, AUX_WR_ADDR, and AUX_WR_DATA. For
details see Chapter 4.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com