Electronic Components Datasheet Search
  English  ▼

X  

BMA423 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA423
Description  Digital, triaxial acceleration sensor
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA423 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA423 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA423 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
Data Sheet
BMA423
Page 24
BST-BMA423-DS000-00 | Version 1.0 | August 2017
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties.
BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.5. FIFO
The device supports the following FIFO operating modes:
 Streaming mode: overwrites oldest data on FIFO full condition
 FIFO mode: discards newest data on FIFO full condition
The FIFO depth is 1024 byte and supports the following interrupts:
 FIFO full interrupt
 FIFO watermark interrupt
FIFO is enabled with FIFO_CONFIG_1.fifo_acc_en=0b1 (0b0= disabled). To enable the FIFO for the
auxiliary interface (magnetometer) set FIFO_CONFIG_1.fifo_aux_en=0b1 (0b0=disabled).
Frames
The FIFO captures data in frames, which consist of a header and a payload. The FIFO can be
configured to skip the header (headerless mode) in which case only payload is stored.
 In header mode (standard configuration) each regular frame consists of a one byte header
describing properties of the frame, (which sensors are included in this frame) and the data
itself. Beside the regular frames, there are control frames.
 In headerless mode the FIFO contains sampled data only.
Header mode
The header has a length of 8 bit and the following format:
Bit
7
6
5
4
3
2
1
0
Content
fh_mode<1:0>
fh_parm<3:0>
fh_ext<1:0>
These fh_mode and fh_parm and fh_ext fields are defined below
fh_mode<1:0>
Definition
fh_parm <3:0>
fh_ext<1:0>
0b10
Regular
Enabled sensors
Tag of INT2 and INT1
0b01
Control
Control opcode
0b00 and 0b11
Reserved
Na
f_parm=0b0000 is invalid for regular mode, a header of 0x80 indicates an uninitialized frame.
In a regular frame, fh_parm frame defines which sensors are included in the data part of the frame.
The format is
Name
fh_parm<3:0>
Bit
3
2
1
0
Content
Reserved
FIFO_aux_data
Reserved
FIFO_acc_data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com