Electronic Components Datasheet Search
  English  ▼

X  

TM1621 Datasheet(PDF) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1621
Description  LCD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1621 Datasheet(HTML) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM1621 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LCD 驱动器
TM1621
6
©Titan Micro Electronics
www.titanmec.com
V1.4
应用图:
主控制器与TM1621组成显示系统,参见下图
注意: 1、VLCD的电压必须低于VDD电压;
2、VR电阻用于调节VLCD输出电压,当VDD=5V,VLCD=4V,VR=15KΩ+20%
3、R为外部上拉电阻,上拉到VDD,R=10KΩ+20%
4、C1、C2 为外部晶振电容,建议值如下:
晶振误差
电容值(C1、C2)
+10ppm
0~10p
10~20ppm
10~20p
系统结构:
1、显示内存(RAM)
静态显示内存(RAM)以32x4位的格式储存所显示的数据。RAM的数据直接映象到LCD驱动器,可以用
READ、WRITE和READ-MODIFY-WRITE命令访问。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com