Electronic Components Datasheet Search
  English  ▼

X  

TM1621 Datasheet(PDF) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1621
Description  LCD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1621 Datasheet(HTML) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1621 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LCD 驱动器
TM1621
1
©Titan Micro Electronics
www.titanmec.com
V1.4
概述
TM1621是内存映象和多功能的LCD驱动器,TM1621的软件配置特性使它适用于多种LCD应用场合,包括
LCD模块和显示子系统。用于连接主控制器和TM1621的管脚只有4或5条,TM1621还有一个节电命令用于降低
系统功耗。
功能特性
工作电压2.4~ 5.2V
内嵌256KHz RC 振荡器
可外接32KHz晶片或256KHz频率源输入
可选1/2或1/3偏压和1/2、1/3或1/4的占空比
片内时基频率源
蜂鸣器可选择两种频率
节电命令可用于减少功耗
内嵌时基发生器和看门狗定时器(WDT)
时基或看门狗定时器溢出输出
八个时基/看门狗定时器时钟源
一个32x4的LCD 驱动器
一个内嵌的32x4位显示RAM 内存
四线串行接口
片内LCD驱动频率源
软件配置特征
数据模式和命令模式指令
三种数据访问模式
提供VLCD管脚用于调整LCD操作电压
封装形式:SSOP48、LQFP44
结构图


Similar Part No. - TM1621

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TM1621 PTH-TM1621 Datasheet
1,023Kb / 18P
LCD driver
TM1621C PTH-TM1621C Datasheet
364Kb / 10P
LCD driver
TM1621D PTH-TM1621D Datasheet
362Kb / 9P
LCD driver
More results

Similar Description - TM1621

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
logo
Shenzhen Putianhe Techn...
TM1727 PTH-TM1727 Datasheet
343Kb / 14P
LCD
logo
Silvan Chip Electronics...
GA1621 SILVAN-GA1621 Datasheet
195Kb / 5P
LCD
SC1621 SILVAN-SC1621 Datasheet
194Kb / 5P
LCD
logo
Shenzhen TOPWAY Technol...
LM2068EFW-2C TOPWAY-LM2068EFW-2C_V01 Datasheet
1Mb / 13P
LCD
logo
CHUNGHWA PICTURES TUBES...
CLAA170EA07 CPT-CLAA170EA07 Datasheet
308Kb / 21P
LCD
004.08.23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com