Electronic Components Datasheet Search
  English  ▼

X  

TM1621 Datasheet(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM1621
Description  LCD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1621 Datasheet(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1621 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1621 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LCD 驱动器
TM1621
5
©Titan Micro Electronics
www.titanmec.com
V1.4
5V
VOL=0.5V
120
200
uA
IOH3
LCD 段管脚源电流
3V
VOH=2.7V
-40
-70
uA
5V
VOH=4.5V
-70
-100
uA
RPH
上拉电阻
3V
DATA,/WR,
/CS,/RD
40
80
150
Kohm
5V
30
60
100
Kohm
交流电气特性:
符号
描 述
测试条件
最小值
典型值
最大值
单位
VDD
条件
fSYS1
系统时钟
3V
片内RC振荡
器
256
KHz
5V
256
KHz
fSYS2
系统时钟
3V
晶振
32.768
KHz
5V
32.768
KHz
fSYS3
系统时钟
3V
外部时钟源
256
KHz
5V
256
KHz
fLCD
LCD时钟
片内RC振荡
器
fSYS1/10
24
Hz
晶振
fSYS2
/128
Hz
外部时钟源
fSYS3/10
24
Hz
tCOM
COM时钟周
期
n:COM个
数
n/ fLCD
s
fCLK
串行数据时钟
3V
3 00
KHz
5V
500
KHz
fTON E
声音频率
片内RC振荡
器
2.0或4.0
KHz
tDD
DATA 管脚输
出延迟时间
3V
2
u s
5V
1
us
tCS
串行接口复位
脉冲宽度
/RS
4
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com