Electronic Components Datasheet Search
  English  ▼

X  

AP6255 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP6255
Description  WiFi 11ac Bluetooth V4.2 Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6255 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP6255 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AP6255(Industry) Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
12
6. Bluetooth Specification
6.1 Bluetooth Specification
Conditions : VBAT=3.3V ; VDDIO=3.3V ; Temp:25°C
Feature
Description
General Specification
Bluetooth Standard
Bluetooth V4.2 of 1, 2 and 3 Mbps.
Host Interface
UART
Antenna Reference
Small antennas with 0~2 dBi peak gain
Frequency Band
2402 MHz ~ 2480 MHz
Number of Channels
79 channels
Modulation
FHSS, GFSK, DPSK, DQPSK
RF Specification
Min.
Typical.
Max.
0
-
10
Sensitivity @ BER=0.1%
for GFSK (1Mbps)
-86 dBm
Sensitivity @ BER=0.01%
for π/4-DQPSK (2Mbps)
-86 dBm
Sensitivity @ BER=0.01%
for 8DPSK (3Mbps)
-80 dBm
Maximum Input Level
GFSK (1Mbps) :-20dBm
π/4-DQPSK (2Mbps) :-20dBm
8DPSK (3Mbps) :-20dBm
:Output power can be configured by HCD firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com