Electronic Components Datasheet Search
  English  ▼

X  

AP6255 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP6255
Description  WiFi 11ac Bluetooth V4.2 Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6255 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP6255 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
AP6255(Industry) Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
7
4. General Specification
4.1 General Specification
Optimal RF performance specified in the data sheet, however, is guaranteed only for -20~75
℃
4.2 Voltages
4.2.1 Absolute Maximum Ratings
Symbol
Description
Min. Max. Unit
VBAT
Input supply Voltage
-0.5
6
V
VDDIO
Digital/Bluetooth/SDIO/ I/O Voltage
-0.5
3.9
V
4.2.2 Recommended Operating Rating
The module requires two power supplies: VBAT and VDDIO.
Min.
Typ.
Max.
Unit
Operating Temperature
-30
25
85
deg.C
VBAT
3.13
3.3
3.8
V
VDDIO
1.71
1.8
3.63
V
※Peak current consumption will be 900mA.
Model Name
AP6255
Product Description
Support Wi-Fi/Bluetooth functionalities
Dimension
L x W x H: 12 x 12 x 1.5 (typical) mm
WiFi Interface
SDIO v2.0/v3.0
BT Interface
UART / PCM
Operating temperature
-30°C to 85°C
Storage temperature
-40°C to 125°C
Humidity
Operating Humidity 10% to 95% Non-Condensing
Storage Humidity 5% to 95% Non-Condensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com