Electronic Components Datasheet Search
  English  ▼

X  

AP6255 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP6255
Description  WiFi 11ac Bluetooth V4.2 Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6255 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP6255 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AP6255(Industry) Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
5
2. Features
IEEE 802.11a/b/g/n/ac dual-band radio with virtual-simultaneous dual-band operation
Single-stream spatial multiplexing up to 433.3 Mbps data rate.
Supports 20, 40, 80 MHz channels with optional SGI(256 QAM modulation)
Supports Bluetooth V4.2+EDR with integrated PA for Class 1.5 and Low Energy (BLE).
Concurrent Bluetooth, and WLAN operation
Simultaneous BT/WLAN receive with single antenna
Supports standard SDIO v3.0 and backward compatible with SDIO v2.0 host interfaces.
-
SDIO v3.0(4-bit) — up to 208 MHz clock rate in SDR104 mode
BT host digital interface:
-
UART (up to 4 Mbps)
IEEE Co-existence technologies are integrated die solution
ECI — enhanced coexistence support, ability to coordinate BT SCO transmissions
around WLAN receives
A simplified block diagram of the module is depicted in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com