Electronic Components Datasheet Search
  English  ▼

X  

AP6255 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AP6255
Description  WiFi 11ac Bluetooth V4.2 Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6255 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AP6255 Datasheet HTML 25Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 26Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 27Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 28Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 29Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 30Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 31Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 32Page - List of Unclassifed Manufacturers AP6255 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AP6255(Industry) Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
28
Solder Paste definition
Module Specifications : W:0.65mm * L:0.95mm pitch 0.9 mm
The proposed design W:0.65~0.75 mm * L:1.33mm. Consider not place other parts in
the peripheral area of 1 mm ~ 1.5 mm to facilitate additional amount of solder for PCB
pad.
We Suggest the thickness of Stencil between 0.12 mm ~0.15mm, the W between
0.6~0.65mm and the L between L1.5~1.6mm.
If the thickness of the stencil is thinner, we suggest to adding more solder, to increase
the wetting ability. Depends on different production situation, if the stencil thickness is
0.08~0.1mm, and the module nearby area is no more space for expending soldering
area, we will suggest to increase the stencil thickness to increase the wetting ability.
The major consideration parts of stencil design is to increase the solder paste wetting
ability.
模組規格 W0.65mm *L0.95mm Pitch 0.9mm
PCB Pad建議設計 W0.65~0.75mm *L1.33mm,
且周邊1mm~1.5mm區域考慮不放置零件以利外
加錫量。
鋼網建議厚度為0.12mm~0.15mm,
W0.6~0.65mm* L1.5~1.6mm
因為模組需要側面爬錫,當鋼網厚度越薄外加錫量
需越多,需依實際生產狀態評估,當使用鋼網
0.08mm或 0.1mm且外加可能性低時則必須考慮
局部加厚鋼網的設計。
鋼網設計主要以增加爬錫的焊錫膏量考量。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com