Electronic Components Datasheet Search
  English  ▼

X  

LD6919 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD6919
Description  500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6919 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD6919 Datasheet HTML 1Page - Leadtrend Technology LD6919 Datasheet HTML 2Page - Leadtrend Technology LD6919 Datasheet HTML 3Page - Leadtrend Technology LD6919 Datasheet HTML 4Page - Leadtrend Technology LD6919 Datasheet HTML 5Page - Leadtrend Technology LD6919 Datasheet HTML 6Page - Leadtrend Technology LD6919 Datasheet HTML 7Page - Leadtrend Technology LD6919 Datasheet HTML 8Page - Leadtrend Technology LD6919 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LD6919
4/12/2010
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6919-DS-00b April 2010
Fig.2 Typical Application Circuit for Analog Front-End Power
Pin Configuration
WDFN-6L (1.6mm x 1.6mm)
12
3
6
5
4
SXX
YWT
S : LD6919
XX: voltage code (*note 2)
XX : 345: 3.45V
T:
Thickness
W: 0.75mm (normal)
S : LD6919
Y : Year code (D: 2004, E: 2005…..)
W : Week code
X : voltage code (*note 1)
VIN GND CE
OUT
SS
SC70-6 (TOP VIEW)
1
2
3
4
6
SYWX
5
NC
12
3
4
5
VIN
GND
CE
OUT
SS
Y WJ
19
XX
SOT-25 (TOP VIEW)
Y : Year code (D: 2004, E: 2005…..)
W : Week code
J19: LD6919
XX : voltage code (*note 2)
*Note 1 : Voltage Code for SC70-6
Code
1
2
3
4
5
6
7
8
9
a
b
c
d
e
f
g
h
i
j
p
(V)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.45
*Note 2 : Voltage Code for SOT-25, WDFN-6L
Code
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
345
(V)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.45
Ordering Information
Part number
Package
TOP MARK
Shipping
LD6919 GL-XX
SOT-25
YWJ/19XX
3000 /tape & reel
LD6919 GU- XX
SC70-6
SYWX
3000 /tape & reel
LD6919 GDAW- XX
WDFN-6L 1.6mm×1.6mm
SXX
3000 /tape & reel
Note 1: The LD6919 is Green Packaged.
Note 2: Part number XX : Output voltage, ex: 15:1.5V, …. 33:3.3V (step 0.1V) and 3.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com