Electronic Components Datasheet Search
  English  ▼

X  

LD6919 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD6919
Description  500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6919 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD6919 Datasheet HTML 1Page - Leadtrend Technology LD6919 Datasheet HTML 2Page - Leadtrend Technology LD6919 Datasheet HTML 3Page - Leadtrend Technology LD6919 Datasheet HTML 4Page - Leadtrend Technology LD6919 Datasheet HTML 5Page - Leadtrend Technology LD6919 Datasheet HTML 6Page - Leadtrend Technology LD6919 Datasheet HTML 7Page - Leadtrend Technology LD6919 Datasheet HTML 8Page - Leadtrend Technology LD6919 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LD6919
4/12/2010
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6919-DS-00b April 2010
Pin Descriptions
SOT25
PIN
NAME
FUNCTION
1
VIN
Input Voltage
2
GND
IC GND
3
CE
Chip Enable, High=Enable, Low=Disable
4
SS
This pin combines noise reduction and soft start function. Connect a capacitor to
GND to adjust soft start time. For soft start operation CSS>1nF is recommended.
5
OUT
Regulator output
SC70-6
PIN
NAME
FUNCTION
1
VIN
Input Voltage
2
GND
IC GND
3
CE
Chip Enable, High=Enable, Low=Disable
4
SS
This pin combines noise reduction and soft start function. Connect a capacitor to
GND to adjust soft start time. For soft start operation CSS>1nF is recommended.
5
NC
No connection
6
OUT
Regulator output
WDFN-6L
PIN
NAME
FUNCTION
1
CE
Chip Enable, High=Enable, Low=Disable
2
GND
IC GND
3
VIN
Input Voltage
4
OUT
Regulator output
5
NC
No connection
6
SS
This pin combines noise reduction and soft start function. Connect a capacitor to
GND to adjust soft start time. For soft start operation CSS>1nF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com