Electronic Components Datasheet Search
  English  ▼

X  

LD6919 Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD6919
Description  500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6919 Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD6919 Datasheet HTML 4Page - Leadtrend Technology LD6919 Datasheet HTML 5Page - Leadtrend Technology LD6919 Datasheet HTML 6Page - Leadtrend Technology LD6919 Datasheet HTML 7Page - Leadtrend Technology LD6919 Datasheet HTML 8Page - Leadtrend Technology LD6919 Datasheet HTML 9Page - Leadtrend Technology LD6919 Datasheet HTML 10Page - Leadtrend Technology LD6919 Datasheet HTML 11Page - Leadtrend Technology LD6919 Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LD6919
4/12/2010
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6919-DS-00b April 2010
Fig.12 Load Transient Response(CO=4.7μF)
IO CH4: 100mA/Div
VO CH2: 10mV~/Div
Application Information
Operation Overview
An input capacitor whose value at least 1
μF is necessary
to place between the VIN pin and GND to stabilize VIN
and obtain beneficial effect. Besides, the input capacitor
should be located in the distance within 5mm from the VIN
pin.
The output capacitor also should be located in the
distance within 5mm from the OUT pin. The LD6919 is
designed specifically operating with low ESR ceramic
output capacitor in space-saving and performance
consideration. Using a ceramic capacitor whose value is
at least 1μF with ESR is > 25mΩ on the LD6919 output
ensures stability. X5R or X7R types of capacitors are
recommended for the input and output capacitors in full
range of operation temperature.
Soft Start Operation and Noise Reduction
For LD6919, the external soft start capacitor, CSS located
between SS pin and GND can provide soft start operation
and reduce output noise dramatically. The soft start time
can be estimated by following formula.
(ms)
C
35
.
0
T
SS
SS ≅
Where,
TSS: soft start time (ms)
CSS: soft start capacitor (nF)
EX:
VOUT=3.1V and CSS=22nF
The soft start time, TSS ≈ 0.35*22=7.7 (ms)
If the soft start function is not necessary, open this pin will
achieve VOUT to quick start up.
Output Voltage
The output voltage can be set by the value chosen for the
RJ resistor on SS pin, which can be calculated using the
following formula.
)
R
(w/o
V
73
)
k
(
R
)
k
(
R
)
(w.R
V
J
OUT
J
J
J
OUT
×
+
Ω
Ω
=
For output voltage accuracy, 1% of RJ resistor is
recommended.
Enable Function
The LD6919 features an enable/disable function. To apply
to CE pin with a logic high level above 1.5V to assure the
device will be complete turn-on. The LD6919 will enter
shutdown mode when the CE voltage falls below 0.6V.
During shutdown mode, the shutdown current for the
device is less than 1μA (max).
Current Limit
Output current is limited to 600mA (typical). When current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com