Electronic Components Datasheet Search
  English  ▼

X  

LD6919 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD6919
Description  500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6919 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD6919 Datasheet HTML 1Page - Leadtrend Technology LD6919 Datasheet HTML 2Page - Leadtrend Technology LD6919 Datasheet HTML 3Page - Leadtrend Technology LD6919 Datasheet HTML 4Page - Leadtrend Technology LD6919 Datasheet HTML 5Page - Leadtrend Technology LD6919 Datasheet HTML 6Page - Leadtrend Technology LD6919 Datasheet HTML 7Page - Leadtrend Technology LD6919 Datasheet HTML 8Page - Leadtrend Technology LD6919 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LD6919
4/12/2010
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6919-DS-00b April 2010
500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator
with Soft Start Function
REV: 00b
General Description
The LD6919 is a micro power linear regulator with very low
output voltage drop during load transient, featuring
ultra-low noise, low-dropout and high ripple rejection ratio
for optimal performance of battery-powered systems. This
SS pin can suppress the noise and is built in with soft start
function. Using Leadtrend’s own proprietary control
scheme, the output voltage can be set by the value chosen
for the RJ resistor on SS pin. As well, the LD6919 can be
stable with an output capacitor of 1
μF which reduces the
board space and cost.
The LD6919 is available in a space saving SOT25,
SC70-6 and WDFN-6L 1.6mm x 1.6mm package.
+Patented
Features
Wide Operating Input Voltage Range:2.5V to 5.5V
Very-Low Output
Voltage
Drop
during
Load
Transient
Ultra-Low Noise for RF Application
Shutdown Current <1
μA
High PSRR 70dB@1kHz
Stable with 1
μF Output Capacitor
Thermal Shutdown and Current Limiting Protection
VOUT Discharge Function
Soft Start Operation
Fixed Output Voltage: 1.5V to 3.3V (step:0.1V) and
3.45V or adjustable through RJ resistor
Applications
Battery-Powered Equipment
Hand-Held Instruments
Palmtops, Notebook Computers
Typical Application
Fig. 1 Typical Application Circuit for General Purpose
Reference example
RJ (Ω)(1%)
VOUT
RJ open
3.1V
2.2M
3.0V
680k
2.8V
510k
2.7V
300k
2.5V
100k
1.8V
)
R
(w/o
V
73
)
k
(
R
)
k
(
R
)
(w.R
V
J
OUT
J
J
J
OUT
×
+
Ω
Ω
=


Similar Part No. - LD6919

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6915LX NXP-LD6915LX Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6919

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Unisonic Technologies
L1152 UTC-L1152 Datasheet
148Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
Fitipower Integrated Te...
FP6142 FITIPOWER-FP6142 Datasheet
488Kb / 10P
500mA Low Noise LDO with Soft-Start and Output Discharge Function
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
500mA LDO with soft-start
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com