Electronic Components Datasheet Search
  English  ▼

X  

VT6212L Datasheet(PDF) 21 Page - VIA Technologies, Inc.

Part # VT6212L
Description  PCI USB 2.0 Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6212L Datasheet(HTML) 21 Page - VIA Technologies, Inc.

Back Button VT6212L Datasheet HTML 17Page - VIA Technologies, Inc. VT6212L Datasheet HTML 18Page - VIA Technologies, Inc. VT6212L Datasheet HTML 19Page - VIA Technologies, Inc. VT6212L Datasheet HTML 20Page - VIA Technologies, Inc. VT6212L Datasheet HTML 21Page - VIA Technologies, Inc. VT6212L Datasheet HTML 22Page - VIA Technologies, Inc. VT6212L Datasheet HTML 23Page - VIA Technologies, Inc. VT6212L Datasheet HTML 24Page - VIA Technologies, Inc. VT6212L Datasheet HTML 25Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
VT6212 / VT6212L PCI USB2.0 Controller
Revision 1.06, December 7, 2005
-15-
Function 2 Register Descriptions
Function 2 Device-Specific Registers
Offset 40 - Miscellaneous Control 1 (00h).......................RW
7
PCI Memory Command Option
0 Support “Memory Read Line”, “Memory Read
Multiple”,
and
“Memory
Write
and
Invalidate” commands............................default
1 Only supports “Memory Read” and “Memory
Write” commands
6
Babble Option
0 Auto-disable babbled port when EOF ...default
1 Keep babbled port enabled
5
PCI Parity Check
0 Disable ...................................................default
1 Enable
4
Reserved (Do Not Program) ................... default = 0
3-2
Reserved
........................................ always reads 0
1
DMA Options
0 8DW burst access...................................default
1 16DW burst access
0
PCI Wait States
0 Zero Wait States.....................................default
1 One Wait State
Offset 41 - Miscellaneous Control 2 (00h).......................RW
7-5
Reserved
........................................ always reads 0
4
Hold PCI REQ_ for successive access
0 Disable
1 Enable
3-0
Reserved
........................................ always reads 0
Offset 42 - Miscellaneous Control 3 (00h).......................RW
7-5
Reserved
........................................ always reads 0
4
Sub-system and sub-system Vendor ID R/W
0 Disable ...................................................default
1 Enable
3-0
Reserved
........................................ always reads 0
Offset 48 - Miscellaneous Control 4 (A0h) ......................RW
7-6
Reserved
........................................ always reads 0
5
Disable PCI burst access
0 Burst enable ...........................................default
1 Burst disable
4-0
Reserved
........................................ always reads 0
Offset 49 - Miscellaneous Control 5 (20h) ...................... RW
7
Enable MAC (provides more delay between
transactions)
0 Disable................................................... default
1 Enable
6
Enable MAC (provides timeout to device when
error is detected)
0 Disable................................................... default
1 Enable
5
Clock Auto Stop
0 Disable, no stop
1 Enable, auto stop ................................... default
4-0
Reserved
........................................always reads 0
Offset 4A - MAC inter-transaction delay parameter (00h)RO
Offset 4B - MAC turn around time parameter (09h).... RW
7-6
Reserved
........................................always reads 0
5
EHCI sleep time select
0 1 µs
.................................................... default
1 10 µs
4
Reserved
........................................always reads 0
3-0
USB 2.0 MAC TX time parameter .........default = 9
Offset 51 - USB 2.0 Timeout RX Parameter (5Ah) ....... RW
Offset 5B 5A - High-Speed Port Pad Termination Resistor
Fine Tune (4444h)............................................................. RW
15-12 Control A[3:0] ........................................default = 4h
11-8 Control B[3:0].........................................default = 4h
7-4
Control C[3:0] ........................................default = 4h
3-0
Control D[3:0] ........................................default = 4h
Offset 60 - Serial Bus Number (20h = USB 2.0) .............. RO
Offset 61- Frame Length Adjust (20h) ........................... RW
Offset 63-62 - Port Wake Capability (0001h)................. RW
Offset 83-80 - Power Management Capability................ RO
Function 0 49[1] = 0: ............................fixed at C9 C2 00 01h
Function 0 49[1] = 1: ............................ fixed at 48 0A 00 01h
Offset 84 - Power Mgmt Capability Status (00h or 03h) RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com