Electronic Components Datasheet Search
  English  ▼

X  

VT6212L Datasheet(PDF) 12 Page - VIA Technologies, Inc.

Part # VT6212L
Description  PCI USB 2.0 Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6212L Datasheet(HTML) 12 Page - VIA Technologies, Inc.

Back Button VT6212L Datasheet HTML 8Page - VIA Technologies, Inc. VT6212L Datasheet HTML 9Page - VIA Technologies, Inc. VT6212L Datasheet HTML 10Page - VIA Technologies, Inc. VT6212L Datasheet HTML 11Page - VIA Technologies, Inc. VT6212L Datasheet HTML 12Page - VIA Technologies, Inc. VT6212L Datasheet HTML 13Page - VIA Technologies, Inc. VT6212L Datasheet HTML 14Page - VIA Technologies, Inc. VT6212L Datasheet HTML 15Page - VIA Technologies, Inc. VT6212L Datasheet HTML 16Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VT6212 / VT6212L PCI USB2.0 Controller
Revision 1.06, December 7, 2005
-6-
Pin Descriptions
No Connection
Signal Name
Pin #
I/O
Power
Signal Description
NC
57-59, 97, 103-104
-
No connection.
USB Ports
Signal Name
Pin #
I/O
Power
Signal Description
USBP1+
86
IO
VCCUSB1
USB Port 1 Differential Data Plus. Asserted high (> 2.8V) †
USBP1–
85
IO
VCCUSB1
USB Port 1 Differential Data Minus. Asserted low (< 0.3V) †
USBP2+
82
IO
VCCUSB2
USB Port 2 Differential Data Plus. Asserted high (> 2.8V) †
USBP2–
81
IO
VCCUSB2
USB Port 2 Differential Data Minus. Asserted low (< 0.3V) †
USBP3+
78
IO
VCCUSB3
USB Port 3 Differential Data Plus. Asserted high (> 2.8V) †
USBP3–
77
IO
VCCUSB3
USB Port 3 Differential Data Minus. Asserted low (< 0.3V) †
USBP4+
74
IO
VCCUSB4
USB Port 4 Differential Data Plus. Asserted high (> 2.8V) †
USBP4–
73
IO
VCCUSB4
USB Port 4 Differential Data Minus. Asserted low (< 0.3V) †
USBOC1#
71
I
VCCSUS
USB Over-Current Input Port 1. When the supplied current exceeds 500 mA
on a USB port, USBOC# should be asserted. If this input is asserted low, the
host controller will disable USB port 1. The port will remain disabled as long
as the condition persists. See Design Guide and evaluation board schematics
for overcurrent detection scheme.
USBOC2#
68
I
VCCSUS
USB Over-Current Input Port 2. Same as above but for port 2.
USBOC3#
66
I
VCCSUS
USB Over-Current Input Port 3. Same as above but for port 2.
USBOC4#
65
I
VCCSUS
USB Over-Current Input Port 4. Same as above but for port 2.
XIN
94
I
VCCOSC
Crystal Input. May be connected to a 24 MHz parallel resonant fundamental
mode crystal (see Design Guide for specific connection details).
XOUT
95
O
VCCOSC
Crystal Output.
Must be connected to a 24 MHz parallel resonant
fundamental mode crystal (see Design Guide for specific connection details).
REXT
88
A
VCCPLL
External Resistor. Typical 6.12k
Ω 1% pull down to analog ground (see
Design Guide for specific connection details).
† Data encoding is NRZI (Non Return to Zero Inverted) so at times the reverse may be true (i.e., the plus pin may be asserted low
and the minus pin asserted high.)
Test Pins and Reserved Pins
Signal Name
Pin #
I/O
Power
Signal Description
ATPG_EN
63
I
VCC25
Automatic Test Program Generator Enable. Do not connect for normal
operation. Internal pulldown.
TESTMODE
64
I
VCC25
Test Mode Enable. Do not connect for normal operation. Internal pulldown.
TEST2
102
IO
VCC25
Test Signal 2. Leave unconnected for normal operation.
TEST3
99
IO
VCC25
Test Signal 3. Pull down 4.7K-ohm for normal operation.
WAKEUP_EN
98
IO
VCC25
WAKEUP_EN. Enable wakeup function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com