Electronic Components Datasheet Search
  English  ▼

X  

VT6212L Datasheet(PDF) 11 Page - VIA Technologies, Inc.

Part # VT6212L
Description  PCI USB 2.0 Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6212L Datasheet(HTML) 11 Page - VIA Technologies, Inc.

Back Button VT6212L Datasheet HTML 7Page - VIA Technologies, Inc. VT6212L Datasheet HTML 8Page - VIA Technologies, Inc. VT6212L Datasheet HTML 9Page - VIA Technologies, Inc. VT6212L Datasheet HTML 10Page - VIA Technologies, Inc. VT6212L Datasheet HTML 11Page - VIA Technologies, Inc. VT6212L Datasheet HTML 12Page - VIA Technologies, Inc. VT6212L Datasheet HTML 13Page - VIA Technologies, Inc. VT6212L Datasheet HTML 14Page - VIA Technologies, Inc. VT6212L Datasheet HTML 15Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VT6212 / VT6212L PCI USB2.0 Controller
Revision 1.06, December 7, 2005
-5-
Pin Descriptions
Pin Descriptions
Table 2. VT6212 / VT6212L Pin Descriptions
PCI Interface
Signal Name
Pin #
I/O Power
Signal Description
AD[31:0]
(see pin
list)
IO VCC33 Address and Data. Addresses are passed during the first clock cycle. Data is
passed in subsequent cycles.
CBE[3 :0]#
3, 19,
28, 41
IO VCC33 Command / Byte Enables. The command for the current cycle is driven with
FRAME# assertion. Byte enables corresponding to supplied or requested data are
then driven on following clocks.
PAR
27
IO VCC33 Parity. A single parity bit is provided over AD[31:0] and CBE[3:0]# to check that
the data has been transferred accurately..
IDSEL
6
I
VCC33 Initialization Device Select. Used as a chip select during configuration read and
write cycles.
DEVSEL#
23
IO VCC33 Device Select. As an output, this signal is asserted to claim PCI transactions
through positive or subtractive decoding.
As an input, DEVSEL# indicates the
response to a VT6212-initiated transaction and is also sampled when decoding
whether to subtractively decode the cycle.
FRAME#
20
IO VCC33 Cycle Frame. Assertion indicates the address phase of a PCI transfer. Negation
indicates that one more data transfer is desired by the cycle initiator.
STOP#
24
IO VCC33 PCI Stop. Asserted by the target (the VT6212 / VT6212L chip) to request the
master (PCI device) to stop the current transaction.
IRDY#
21
IO VCC33 Initiator Ready. Asserted when the initiator is ready for data transfer.
TRDY#
22
IO VCC33 Target Ready. Asserted when the target is ready for data transfer.
PCIRST#
111
I
VCC33 PCI Reset. When detected low, an internal hardware reset is performed. PCIRST#
assertion or deassertion may be asynchronous to PCICLK, however, it is
recommended that deassertion be synchronous to guarantee a clean and bounce free
edge.
PCICLK
109
I
VCC33 PCI Clock. 33 MHz. Used to clock all PCI bus transactions.
INTA#
105
O
VCC33 PCI Interrupt A. Asynchronous signal used to request an interrupt.
INTB#
106
O
VCC33 PCI Interrupt B. Asynchronous signal used to request an interrupt.
INTC#
107
O
VCC33 PCI Interrupt C. Asynchronous signal used to request an interrupt.
REQ#
113
O
VCC33 PCI Bus Request. Asserted by the VT6212 / VT6212L to request bus use.
GNT#
112
I
VCC33 PCI Bus Grant. Asserted by the bus arbiter to grant permission to the VT6212 /
VT6212L for access to the PCI bus for bus master operations.
Serial EEPROM Interface
Signal Name
Pin #
I/O Power
Signal Description
EECS
56
O
VCC33 EEPROM Chip Select. Connect to EEPROM EECS pin.
EECK
55
O
VCC33 EEPROM Clock. Connect to EEPROM EECK pin.
EEDI
50
O
VCC33 EEPROM Data In. Connect to EEPROM EEDI pin.
EEDO
49
I
VCC33 EEPROM Data Output. Connect to EEPROM EEDO pin.
Chipset South Bridge Interface
Signal Name
Pin #
I/O
Power
Signal Description
SMI#
60
O
VCC33
System Management Interrupt.
PME#
67
O
VCCSUS
Power Management Event Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com