Electronic Components Datasheet Search
  English  ▼

X  

VT6212L Datasheet(PDF) 24 Page - VIA Technologies, Inc.

Part # VT6212L
Description  PCI USB 2.0 Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6212L Datasheet(HTML) 24 Page - VIA Technologies, Inc.

Back Button VT6212L Datasheet HTML 18Page - VIA Technologies, Inc. VT6212L Datasheet HTML 19Page - VIA Technologies, Inc. VT6212L Datasheet HTML 20Page - VIA Technologies, Inc. VT6212L Datasheet HTML 21Page - VIA Technologies, Inc. VT6212L Datasheet HTML 22Page - VIA Technologies, Inc. VT6212L Datasheet HTML 23Page - VIA Technologies, Inc. VT6212L Datasheet HTML 24Page - VIA Technologies, Inc. VT6212L Datasheet HTML 25Page - VIA Technologies, Inc. VT6212L Datasheet HTML 26Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
VT6212 / VT6212L PCI USB2.0 Controller
Revision 1.06, December 7, 2005
-18-
Electrical Specifications
Table 5. Power Specifications
TC = 0-55oC, VCC33 = VCCSUS = VCCUSB = 3.3V+/-5%, VCC25 = VCCOSC = VCCPLL = VCCPLLA =2.5V+/-5%, GND = 0V
Symbol Parameter
Typ
Max Unit Condition
ICC25-PD
Power Supply Current – 2.5V
1.1
mA
Power down or suspend
ICC33-PD
Power Supply Current – 3.3V
5.4
mA
Power down or suspend
ICC25
Power Supply Current – VCC25 (2.5V)
38
mA
Idle with no port activity
ICC33
Power Supply Current – VCC33 (3.3V)
89
mA
Idle with no port activity
ICC25A
Power Supply Current – Analog (2.5V)†
60
mA
Idle with no port activity
ICC0USB
Power Supply Current – USB (3.3V)‡
47
mA
Idle with no port activity
ICC1USB
Power Supply Current – USB (3.3V)‡
105
mA
One port transmitting
ICC2USB
Power Supply Current – USB (3.3V)‡
160
mA
Two ports transmitting
ICC3USB
Power Supply Current – USB (3.3V)‡
211
mA
Three ports transmitting
ICC4USB
Power Supply Current – USB (3.3V)‡
263
mA
Four ports transmitting
PD-PD
Overall Chip Power Dissipation
18
mW
Power down or suspend
PD-IDLE
Overall Chip Power Dissipation
672
mW
Idle with no port activity
PD-4USB
Overall Chip Power Dissipation
1312
mW
Four ports transmitting
†“Analog 2.5V” power includes VCCPLL, VCCPLLA, and VCCOSC
‡ “USB 3.3V” power includes VCCUSB and VCCSUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com