Electronic Components Datasheet Search
  English  ▼

X  

LM201W01 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LM201W01
Description  20.1 WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201W01 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LM201W01 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Product Specification
4/ 29
LM201W01
Liquid Crystal Display
Ver. 0.1
Jun. 06. 2005
1. General Description
LM201W01 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally black mode. It has a 20.1 inch diagonally measured
active display area with WSXGA+ resolution (1050 vertical by 1680 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,7M(True) colors.
It has been designed to apply the 8Bit 2 port LVDS interface.
It i s i n t e nded to suppor t d ispla ys where h igh br ightness, super w ide view ing angle,
high color saturation, and high color are important.
General Features
Viewing Angle Free ( R/L 178(Typ.), U/D 178(Typ) )
Viewing Angle (CR>10)
8bit, 16,7 M colors
Color Depth
1680 horiz. By 1050 vert. Pixels RGB strip arrangement
Pixel Format
300 cd/m2 (Center 1 point, Typ.)
Luminance, White
Total 37.88 Watt(Typ.) (4.91 Watt@VLCD, 32.97 Watt@300cd/[LAMP=7mA])
Power Consumption
2850 g (Typ.)
Weight
Transmissive mode, normally black
Display Operating Mode
Hard coating(3H) & Anti-glare (Haze 25%) treatment of the front polarizer
Surface Treatment
0.258mm x 0.258mm
Pixel Pitch
459.4(H) x 296.4 (V) x 22.8(D) mm (Typ.)
Outline Dimension
20.1 inches(511.133mm) diagonal (Aspect ratio 16:10)
Active Screen Size
TFT-LCD Panel
(1680 1050 pixels)
Source Driver Circuit
Timing Control
Block
Power Circuit Block
CN1
(30pin)
Backlight Assembly(6 CCFL)
RGB, Dclk, DE
Hsync, Vsync
(LVDS 2 port)
VLCD(+12V)
G105
0
G1
S1680
S1
CN2(5PIN), 3(2PIN)
CN4(2PIN), 5(5PIN)
VLamp
VLamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com