Electronic Components Datasheet Search
  English  ▼

X  

LM201W01 Datasheet(PDF) 12 Page - LG Semicon Co.,Ltd.

Part # LM201W01
Description  20.1 WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201W01 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Back Button LM201W01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Product Specification
12 / 29
LM201W01
Liquid Crystal Display
Ver. 0.1
Jun. 06. 2005
Table 5. BACKLIGHT CONNECTOR PIN CONFIGURATION(CN2,CN3,CN4,CN5)
<BACKLIGHT CONNECTOR DIAGRAM>
The backlight interface connector is a model BHSR-02VS-1(or 1674817-1:manufactured by AMP)(CN3/CN4)
and BHR-05VS-1(CN2/CN5) manufactured by JST. The mating connector part number are SM02B-BHSS-1-
TB(2pin), SM04(9-E2)B-BHS-1-TB(5pin) or equivalent. The pin configuration for the connector is shown in
the table below.
Up Side
Down Side
CN 2
Lamp1
Lamp 2
CN 3
Lamp 3
Lamp 4
CN 4
CN 5
Lamp 5
Lamp 6
Notes: 1. The high voltage power terminal is colored White, Sky blue, Gray
2. The low voltage pin color is White, Blue, Black .
LV
HV
LV
NC
HV
HV
Symbol
CN5
2
Power supply for lamp 3(Low voltage side) - Blue
2
1
Power supply for lamp 3(High voltage side) - Sky Blue
1
CN3
2
Power supply for lamp 1(Low voltage side) – White
4
NC
3
1
Power supply for lamp 2(High voltage side) – Gray
2
1
Power supply for lamp 1(High voltage side) - White
1
CN2
Notes
Description
Pin
No
5
LV
Power supply for lamp 2(Low voltage side) – Black
LV
NC
HV
HV
2
Power supply for lamp 6(Low voltage side) - White
4
NC
3
1
Power supply for lamp 5(High voltage side) - Gray
2
1
Power supply for lamp 6(High voltage side) - White
1
5
LV
Power supply for lamp 5(Low voltage side) - Black
LV
HV
1
Power supply for lamp 4(High voltage side) - Sky Blue
1
CN4
2
Power supply for lamp 4(Low voltage side) - Blue
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com