Electronic Components Datasheet Search
  English  ▼

X  

LM201W01 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # LM201W01
Description  20.1 WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201W01 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button LM201W01 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Product Specification
20 / 29
LM201W01
Liquid Crystal Display
Ver. 0.1
Jun. 06. 2005
6. Color shift is the angle at which the color difference is lower than 0.04.
180
xr
xl
-Color difference ( u’v’)
25% Box size
Viewing angle direction
-Pattern size : 25% Box size
-Viewing angle direction of color shift : Horizontal, Vertical
u’=
-2x + 12y + 3
4x
v’=
-2x + 12y +3
9y
u’v’ =
(u’
1-u’2)
2+(v’
1-v’2)
2
u’1, v’1 : u’v’ value at viewing angle direction
u’2, v’2 : u’v’ value at front ( =0)
22
63
110
155
206
240
B
22
63
110
155
206
240
G
22
63
110
155
206
240
R
black
Neutral 3.5
Neutral 5
Neutral 6.5
Neutral 8
White
172
151
36
37
65
145
B
126
62
212
27
148
32
G
35
207
241
197
72
26
R
cyan
Magenta
Yellow
Red
Green
Blue
29
58
86
87
174
24
B
162
193
39
67
69
104
G
230
160
76
211
56
219
R
Orange yellow
Yellow green
Purple
Moderate red
Purplish blue
Orange
178
185
46
161
123
45
B
199
118
102
112
142
56
G
114
129
77
85
206
98
R
Bluish green
Blue flower
Foliage
Blue sky
Light skin
Dark skin
Average RGB values in Bruce RGB for Macbeth Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com