Electronic Components Datasheet Search
  English  ▼

X  

LM201W01 Datasheet(PDF) 1 Page - LG Semicon Co.,Ltd.

Part # LM201W01
Description  20.1 WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201W01 Datasheet(HTML) 1 Page - LG Semicon Co.,Ltd.

  LM201W01 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201W01 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product Specification
1/ 29
LM201W01
Liquid Crystal Display
Ver. 0.1
Jun. 06. 2005
SPECIFICATION
FOR
APPROVAL
20.1” WSXGA+ TFT LCD
Title
MODEL
General(USA)
BUYER
)
)
(
(
Final Specification
Preliminary Specification
Please return 1 copy for your confirmation with
your signature and comments.
/
/
/
SIGNATURE
DATE
APPROVED BY
*When you obtain standard approval,
please use the above model name without suffix
LM201W01
*MODEL
SLA1
SUFFIX
LG.Philips LCD Co., Ltd.
SUPPLIER
MNT Products Engineering Dept.
LG. Philips LCD Co., Ltd
K.H.Choi / Engineer
PREPARED BY
P.Y.Kim / Manager
REVIEWED BY
S.G.Hong / G.Manager
SIGNATURE
DATE
APPROVED BY


Similar Part No. - LM201W01

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
785Kb / 29P
LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
Nov. 28. 2006 Ver. 0.1
LM201WE3-TLJ1 LG-LM201WE3-TLJ1 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
LM201WE3-TLJ3 LG-LM201WE3-TLJ3 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
LM201WE3 LG-LM201WE3_V01 Datasheet
785Kb / 29P
LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
Nov. 28. 2006 Ver. 0.1
More results

Similar Description - LM201W01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
TFT LCD
logo
NXP Semiconductors
LC201V02-A3 PHILIPS-LC201V02-A3 Datasheet
456Kb / 26P
20.1 VGA TFT LCD
Jan. 17, 2003
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
TFT LCD
logo
List of Unclassifed Man...
IPC-D5222 ETC2-IPC-D5222 Datasheet
91Kb / 2P
22" WSXGA TFT LCD Panel support 1680 횞 1050pixels
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
TFT-LCD
logo
AU Optronics Corp.,
M201EW02-V8 AUO-M201EW02-V8 Datasheet
1Mb / 25P
20.1 W WSXGA Color TFT-LCD
logo
LG Semicon Co.,Ltd.
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
Liquid Crystal Display WSXGA TFT LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
TFT LCD
logo
Samsung semiconductor
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
TFT-LCD
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com