Electronic Components Datasheet Search
  English  ▼

X  

ASX340 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
10
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Architecture
Aptina Confidential and Proprietary
Preliminary
System Block Diagram
The system block diagram will depend on the application. The system block diagram in
Figure 2 shows all components; optional peripheral components are highlighted. The
optional microcontroller controls the ASX340/MT9V139 sensor using the two-wire serial
bus. Optional components will vary by application. For further details, see the ASX340/
MT9V139 Register and Variable Reference.
Figure 2:
System Block Diagram
SPI
Serial Data
EEPROM/Flash
1KB - 16MB
LP Filter
27 MHz
DAC _POS
μC
2WIRE I/F
Composite
Video
PAL /NTSC
EXTCLK
System Bus
4.7k
Ω
DAC_REF
DAC _NEG
Optional
XTAL
75Ω
RESET_BAR
FRAME _SYNC
PIXCLK
FRAME_VALID
LINE_VALID
CCIR 656/
GPO
DOUT_LSB0, 1
DOUT[7:0]
VDD (1.8V )
VAA (2.8V)
VAA _PIX (2.8V)
2.8V
VDD_IO (2.8V)
.
VDD_PLL (2.8V)
.
VDD_DAC (2.8V)
VREG_BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com