Electronic Components Datasheet Search
  English  ▼

X  

ASX340 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
15
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Aptina Confidential and Proprietary
Preliminary
Notes:
1. The reason for defining the default state as logic 0 rather than high impedance is this: when wired in a
system (for example, on our demo boards), these outputs will be connected, and the inputs to which
they are connected will want to see a valid logic level. No current drain should result from driving these
to a valid logic level (unless there is a pull-up at the system level).
2. These pads have their input circuitry powered down, but they are not output-enabled. Therefore, they
can be left floating but they will not drive a valid logic level to an attached device.
DOUT_LSB1
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating). After reset, these pins
are powered-up, sampled, then powered down
again as part of the auto-configuration
mechanism.
DOUT_LSB0
High impedance
HIgh impedance
DAC_POS
High impedance
Driven
Output. Interface disabled by hardware reset
and enabled by default when the device starts
streaming.
DAC_NEG
DAC_REF
TDI
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TDO
High impedance
High impedance
Output. Driven only during appropriate parts of
the JTAG shifter sequence.
TMS
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TCK
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TRST_N
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND for normal
operation.
FRAME_SYNC
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND for normal
operation.
GPIO12
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating). After reset, these pins
are powered-up, sampled, then powered down
again as part of the auto-configuration
mechanism.
GPIO13
High impedance
High impedance
Input/Output. This interface disabled by default.
Input buffers (used for GPIO function) powered
down by default, so these pins can be left
unconnected (floating). After reset, these pins
are powered-up, sampled, then powered down
again as part of the auto-configuration
mechanism.
ATEST1
N/A
N/A
Must be driven to GND for normal operation.
ATEST2
N/A
N/A
Must be driven to GND for normal operation.
Table 6:
Reset/Default State of Interfaces (continued)
Name
Reset State
Default State
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com