Electronic Components Datasheet Search
  English  ▼

X  

ASX340 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
33
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Supported SPI Devices
Table 14 lists supported EEPROM/Flash devices. Devices not compatible will require a
firmware patch. Contact Aptina for additional support.
Supported SPI Commands
The SPI commands shown in Table 15 are supported by the ASX340/MT9V139.
Table 14:
SPI Flash Devices
Type
Density
Manufacturer
Device
Speed
(MHz)
Standard
Temp Range
(°C)
Supported
Flash
1 MB
ST
M25P10-AVMB3
50
–40 to +125
Yes
Flash
8 MB
Atmel
AT26DF081A
70
JEDEC/Device ID
–20 to +85
Yes
EEPROM
1MB
ST
M95M01-R
5
–40 to +130
Yes
EEPROM
8KB
Microchip
25LC080
2
–40 to +125
Yes
Table 15:
SPI Commands Supported
Command
Value
Read Array
0x03
Block Erase
0xD8
Chip Erase
0xC7
Read Status
0x05
Write status
0x01
Byte Page Program
0x02
Write Enable
0x06
Write Disable
0x04
Read Manufacturer and Device ID
0x9F
(Fast) Read Array
0x0B
Table 16:
GPIO Bit Descriptions
GPIO[11] (DOUT_LSB1)
GPIO[10] (DOUT_LSB0)
GPIO[9] (FRAME_VALID)
GPI[8] (LINE_VALID)
Low (“0”)
Normal
NTSC
Normal
No pedestal
High (“1”)
Vertical Flip
PAL
Horizontal mirror
Pedestal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com