Electronic Components Datasheet Search
  English  ▼

X  

STC15F101 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # STC15F101
Description  Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC15F101 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button STC15F101 Datasheet HTML 37Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 38Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 39Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 40Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 41Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 42Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 43Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 44Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 252 page
background image
4.1.4 Open-drain Output
The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor
of the port pin when the port register contains a logic “0”. To use this configuration in application, a
port pin must have an external pull-up, typically tied to VCC. The input path of the port pin in this
configuration is the same as quasi-bidirection mode.
PORT
PIN
PORT
LATCH DATA
INPUT
DATA
Open-drain output
4.1.3 Input-only Mode
The input-only configuration is a Schmitt-triggered input without any pull-up resistors on the pin.
PORT
PIN
INPUT
DATA
Input-only Mode
4.1.2 Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and the quasi-
bidirectional output modes, but provides a continuous strong pull-up when the port register conatins a logic “1”.
The push-pull mode may be used when more source current is needed from a port output. In addition, input path
of the port pin in this configuration is also the same as quasi-bidirectional mode.
Vcc
PORT
PIN
PORT
LATCH DATA
INPUT
DATA
Push-pull output
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com