Electronic Components Datasheet Search
  English  ▼

X  

STC15F101 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # STC15F101
Description  Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC15F101 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button STC15F101 Datasheet HTML 42Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 43Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 44Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 45Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 46Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 47Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 48Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 49Page - List of Unclassifed Manufacturers STC15F101 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 252 page
background image
4.4.5 I/O drive LED application circuit
R1
a
R2
b
R3
c
R4
d
R5
e
R6
f
R7
g
R8
dp
COM1 COM2 COM3 COM4
I/O
I/O
I/O
I/O
R1
471
R2
471
R3
471
R4
471
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
LED4
a
R5
I/O
b
R6
I/O
c
R7
I/O
d
R8
I/O
e
R9
I/O
f
R10
I/O
g
R11
I/O
dp
R12
I/O
I/O
LED3
I/O
LED2
I/O
LED1
I/O
a b c
d
e
f
g dp
COM1
LED4R4
4K7
LED3 R3
4K7
LED2R2
4K7
LED1R1
4K7
VCC
COM2 COM3 COM4
470
Ω*8
I/O dynamic scan driver 4 groups of
digital tube Cathode circuit
I/O dynamic scan driver 4 groups of
digital tube anode circuit
R5~R12 = 1K
Ω
19
18
17
16
15
28
27
26
25
24
23
22
21
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P2.1
P2.6
P2.7
ADC0/P1.0
ADC2/P1.2
ADC3/P1.3
ADC4/P1.4
ADC5/P1.5
ADC6/P1.6
ADC7/P1.7
RST/P0.0/SYSclkO
P0.1
Gnd
P2.4
P2.3
P2.2
P2.0/RSTOUT_LOW
P3.7/INT3
P3.6/INT2
P3.5/T1/CLKOUT0
P3.4/T0/CLKOUT1
P3.3/INT1
P3.2/INT0
P3.1
P3.0/INT4
P2.5
ADC1/P1.0
Vcc
28
27
26
25
24
23
22
21
20
19
18
17
16
15
P2.5
P2.4
P3.5/T1/CLKOUT0
P3.1
ADC0/P1.0
ADC2/P1.2
ADC3/P1.3
ADC4/P1.4
Gnd
ADC6/P1.6
ADC7/P1.7
ADC5/P1.5
P2.6
P2.7
P0.1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADC1/P1.1
SYSclkO/RST/P0.0
Vcc
P2.2
P3.4/T0/CLKOUT1
P2.1
P2.0/RSTOUT_LOW
P2.3
P3.3/INT1
P3.2/INT0
P3.0/INT4
P3.7/INT3
P3.6/INT2
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com