Electronic Components Datasheet Search
  English  ▼

X  

STV5112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5112
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5112 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5112 Datasheet HTML 1Page - STMicroelectronics STV5112 Datasheet HTML 2Page - STMicroelectronics STV5112 Datasheet HTML 3Page - STMicroelectronics STV5112 Datasheet HTML 4Page - STMicroelectronics STV5112 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STV5112
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
.
BANDWIDTH : 8MHz TYPICAL
.
SUPPLY VOLTAGE : 220V TYPICAL
.
RISE AND FALL TIME : 50ns TYPICAL
.
CRT CATHODE CURRENT OUTPUTS FOR
PARALLEL OR SEQUENTIAL CUT-OFF OR
DRIVE ADJUSTMENT
.
FLASHOVER PROTECTION
.
POWER DISSIPATION : 3.6W
DESCRIPTION
The STV5112 includes three video amplifiers desi-
gned with a high voltage bipolar/CMOS/DMOS
technology (BCD). It drives directly the three cath-
odes and is protected against flashovers. Thanks
to its three cathode current outputs, the STV5112
can be used with both parallel and sequential sam-
pling applications.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BLUE FEEDBACK
BLUE CATHODE CURRENT
BLUE OUTPUT
GREEN FEEDBACK
GREEN CATHODE CURRENT
GREEN OUTPUT
RED FEEDBACK
RED CATHODE CURRENT
RED OUTPUT
GROUND
RED INPUT
GREEN INPUT
BLUE INPUT
DD
CC
V
HIGH VOLTAGE
V
LOW VOLTAGE
Tab connected to Pin 8
PIN CONNECTIONS (top view)
MULTIWATT 15
(Plastic Package)
ORDER CODE : STV5112
1/5


Similar Part No. - STV5112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
More results

Similar Description - STV5112

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
RGB Video Amplifier System
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
150 MHz RGB Video Amplifier System
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
RGB VIDEO OUTPUT AMPLIFIER
Jan-1993
TEA5101A STMICROELECTRONICS-TEA5101A Datasheet
68Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
TEA5101B STMICROELECTRONICS-TEA5101B Datasheet
61Kb / 6P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
10-Jul-2013
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
LM1203 RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
RGB VIDEO-AMPLIFIER SYSTEM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com