Electronic Components Datasheet Search
  English  ▼

X  

STV5112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5112
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5112 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5112 Datasheet HTML 1Page - STMicroelectronics STV5112 Datasheet HTML 2Page - STMicroelectronics STV5112 Datasheet HTML 3Page - STMicroelectronics STV5112 Datasheet HTML 4Page - STMicroelectronics STV5112 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL APPLICATION
The STV5112 is composed of three independent
amplifiers, each of them including :
- A differential amplifier, the gain of which is fixed
by external feedback resistors,
- A voltage reference,
- A PMOS transistor providing a copy of the cathode
current,
- A protection diode against CRT arc discharges.
PC Board Layout
The best performances of the high voltage video
amplifier will be obtained only with a carefully desi-
gned PC board. Output to input capacitance is of
particular importance.
For a single amplifier, the input-output capacitance, in
parallel with the relatively high feedback resis-tance,
creates a pole in the closed-loop transfer function.
A low parasitic capacitance (0.3pF) feedback resis-
tor and HF isolated printed wires are necessary.
Furthermore, capacitive coupling from the output
of an amplifier toward the input of another one may
induce excessive cross-talk.
Power Dissipation
The power dissipation consists of a static part and
a dynamic part. The static dissipation is a function
of VOUT(DC), VDD and RF. Reasonable approxima-
tion of the static power can be calculated by the
following equation.
PS
=
3VDD
( VDD − VOUT )
40k
+
3VOUT
( VDD − VOUT )
RF
The dynamic dissipation depends on the signal
spectrum, VOUT, VDD and the load capacitance.
- For a sine wave, dynamic dissipation is
Pd = 3 x F x CL x VOPP x 0.8 x VDD.
The load capacitance CL includes CRT and board
capacitance (10pF), and amplifier output capaci-
tance (8pF) : total CL value is about 20pF.
2
V
REF
CATHODE 1
1k
Ω
33pF*
4.7k
Ω
V
CC
9V
100nF
100
µF
100nF
V
DD
220V
10
µF
510
Ω
V
DD
8
5
9
7
6
4
910
Ω
STV5112
CATHODE 2
V
DD
12
10
11
3
CATHODE 3
V
DD
15
13
14
1
CUT-OFF
SAMPLING
Figure 1 : Application Example
STV5112
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com