Electronic Components Datasheet Search
  English  ▼

X  

STV5112 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5112
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5112 Datasheet(HTML) 3 Page - STMicroelectronics

  STV5112 Datasheet HTML 1Page - STMicroelectronics STV5112 Datasheet HTML 2Page - STMicroelectronics STV5112 Datasheet HTML 3Page - STMicroelectronics STV5112 Datasheet HTML 4Page - STMicroelectronics STV5112 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply High Voltage
Pin 5
250
V
VCC
Supply Low Voltage
Pin 2
20
V
IOD
IOG
Output Current
to VDD
to Ground
Pins 7 - 10 - 13
Protected
8
mA
IFD
IFG
Output Current < 50
µs duration
to VDD
to Ground
Pins 9 - 12 - 15
45
45
mA
mA
Ij
Input Current
Pins 1 - 3 - 4
60
mA
Tj
Junction Temperature
150
°C
Toper
Operating Ambient Temperature
0, + 70
°C
Tstg
Storage Temperature
- 20, + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction-Case Thermal Resistance
Max.
3
°C/W
Rth(j-a)
Junction-Ambient Thermal Resistance
Typ.
35
°C/W
ELECTRICAL CHARACTERISTICS
VCC = 9V ; VDD = 240V ; Tamb = 25
oC ; AV = 55 (unless otherwise specified)
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
VDD
High Supply Voltage (Pin5)
220
240
V
VCC
Low Supply Voltage (Pin 2)
7.5
9
10
V
IDD
High Voltage Supply Internal DC Current
(without current due to the feedback network)
VOUT = 120V
9.5
15
mA
ICC
Low Voltage Supply Internal DC Current
38
55
mA
Vsath
Output Saturation Voltage (High level)
(Pins 7-10-13)
IO = - 10
µA
5
V
RON
Output Mos Transistor (Low level)
(Pins 7-10-13)
1.7
k
BW
Bandwidth at - 3dB
Measured on CRT cathodes.
(CLOAD = 10pF, RPROTECT = 1k
Ω,
VOUT = 120V,
∆ VOUT = 100VPP)
8
MHz
tR, tF
Rise & Fall Time
Measured between 10% & 90%
of output pulse
(CLOAD = 10pF, RPROTECT = 1k
Ω,
VOUT = 120V,
∆ VOUT = 100VPP
50
ns
GO
Open Loop Gain
47
50
dB
Open Loop Gain Difference between
2 channels
-1.5
0
1.5
dB
Open Loop Gain Temperature Coefficient
0
dB/
oC
P
Internal Power Dissipation
(see calculation below)
VOUT = 2MHz, 70VPP sine wave,
VBLACK = 170V, CL = 20pF,
RF = 68k
3.6
W
VREF
Internal Voltage Reference (Pins 1-3-4)
VOUT = 120V
2.3
2.5
2.7
V
Voltage Reference Temperature Coefficient
0
mV/
°C
IIB
Input Bias Current (Pins 1-3-4)
VOUT = 120V
75
µA
RI
Input Resistance
4
k
ESD
ESD Human Body Model
1.2
kV
STV5112
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com