Electronic Components Datasheet Search
  English  ▼

X  

STV5112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV5112
Description  RGB HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5112 Datasheet(HTML) 2 Page - STMicroelectronics

  STV5112 Datasheet HTML 1Page - STMicroelectronics STV5112 Datasheet HTML 2Page - STMicroelectronics STV5112 Datasheet HTML 3Page - STMicroelectronics STV5112 Datasheet HTML 4Page - STMicroelectronics STV5112 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PIN FUNCTION
N
°
Function
Description
1
Blue Input
Input of the “blue” amplifier. It is a virtual ground with 2.5V bias voltage and 75
µA input
bias current.
2
VCC
Low voltage power supply, typically 9V.
3
Green Input
Input of the “green” amplifier. It is a virtual ground with 2.5V bias voltage and 75
µA input
bias current.
4
Red Input
Input of the “red” amplifier. It is a virtual ground with 2.5V bias voltage and 75
µA input bias
current.
5
VDD
High voltage power supply, typically 220V.
6
Red Cathode Current
Provides the video processor with a copy of the DC current flowing into the red cathode, for
automatic cut-off or gain adjustment. If this control is not used, Pin 6 must be grounded.
7
Red Output
Output driving the red cathode. Pin 7 is internally protected against CRT arc discharges
by a diode limiting the output voltage to VDD.
8
Ground
Also connected to the heatsink.
9
Red Feedback
Output driving the feedback resistor network for the red amplifier.
10
Green Output
Output driving the green cathode. Pin 10 is internally protected against CRT arc
discharges by a diode limiting the output voltage to VDD.
11
Green Cathode Current
Provides the video processor with a copy of the DC current flowing into the green cathode, for
automatic cut-off or gain adjustment. If this control is not used, Pin 11 must be grounded.
12
Green Feedback
Output driving the feedback resistor network for the green amplifier.
13
Blue Output
Output driving the blue cathode. Pin 13 is internally protected against CRT arc discharges
by a diode limiting the output voltage to VDD.
14
Blue Cathode Current
Provides the video processor with a copy of the DC current flowing into the blue cathode, for
automatic cut-off or gain adjustment. If this control is not used, Pin 14 must be grounded.
15
Blue Feedback
Output driving the feedback resistor network for the blue amplifier.
1
2
8
REFERENCE
VOLTAGE
GND
(3, 4)
5
13
15
14
(11, 6)
(10, 7)
(12, 9)
BLOCK DIAGRAM OF EACH CHANNEL
STV5112
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com