Electronic Components Datasheet Search
  English  ▼

X  

FS3871 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS3871
Description  LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS3871 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS3871 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.
General Description
The FS3871 Lithium-Ion (Li-Ion) and Lithium-Polymer
(Li-Pol) linear charge-management ICs are designed for
cost sensitive and compact portable electronics. They
combine high-accuracy current and voltage regulation,
battery conditioning, temperature monitoring, charge
termination, charge-status indication, and Automatic
charge-rate compensation in a single 8-pin IC. TSSOP
package is offered to fit a wide range of end applications.
The FS3871 continuously measures battery temperature
using an external thermistor. For safety, the FS3871
inhibits charge until the battery temperature is within
user-defined thresholds. The FS3871 then charges the
battery in three phases: conditioning, constant current and
constant voltage. If the battery voltage is below the
low-voltage threshold, V(min), the FS3871 pre-charges
using a low current to condition the battery. The
conditioning charge rate is approximately 10% of the
regulation current. The conditioning current also minimizes
heat dissipation in the external pass element during the
initial stage of the charge. After conditioning, the FS3871
applies a constant current to the battery. An external
sense-resistor sets the current. The sense-resistor can be
on either the high or low side of the battery without
additional components. The constant-current phase
continues until the battery reaches the charge-regulation
voltage.
The available 8-pin TSSOP-8/MSOP-8 package is offered
for balanced area and cost effective requirements for
size-sensitive applications.
The FS3871 is suitable for the control of charge sequences
of a variety of portable battery-powered applications, such
as cellular phone’s travel and base charger devices, digital
camera, digital-video camcorder (DV), MP3 player ,etc.
2.
Features
Ideal for Single (4.1 V or 4.2 V) and Dual-Cell (8.2 V or 8.4
V) Li-Ion or Li-Poly Packs. (Dual-Cell is not available now)
0.3 V dropout voltage for minimizing heat dissipation.
Better than
1% voltage regulation accuracy with preset
voltages.
Automatic Dynamic Compensation of battery pack’s
internal impedance to reduce charge time.
Optional cell-temperature monitoring before and during
charge.
Integrated
voltage
and
current
regulation
with
programmable charge-current and high or low-side current
sensing.
Integrated cell conditioning for reviving deeply discharged
cells and minimizing heat dissipation during initial stage of
charge.
Charge status output for single or dual LED or host
processor interface.
Automatic battery-recharge feature.
Charge termination by minimum current.
Automatic low-power sleep mode when VCC is removed.
Low-cost peripheral components of capacitor and resistor
combinations for minimum BOM cost in manufacturing
considerations.
Evaluation (EV) board is available for quick evaluation.
TSSOP-8/MSOP-8 Green Package.
3.
Applications
Cellular phone external base or built-in charger
MP3/MP4 player
External charger through USB
Digital still camera (DSC)
Digital video camcorder (DV)
Portable electronic device charger, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com