Electronic Components Datasheet Search
  English  ▼

X  

FS3871 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS3871
Description  LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS3871 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS3871 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4.
Pin Configuration
(TSSOP-8 TOP VIEW)
(MSOP-8 TOP VIEW)
5.
Ordering Information
Product Number Description
Package Type
FS3871D-G
CHARGE REGULATION VOLTAGE : 4.2V
TSSOP-8
FS3871E-G
CHARGE REGULATION VOLTAGE : 4.2V
MSOP-8
6.
Pin Description
Name
I/O
Pin No. Of
TSSOP
Pin No. Of
MSOP
Description
SNS
I
1
7
Current sense input
BAT
I
2
8
Voltage sense input
VCC
I
3
1
Supply voltage
TS
I
4
2
Temperature sense input
STAT
I/O
5
3
Charge status output
VSS
-
6
4
Ground
CC
O
7
5
Charge control output
CRC
I
8
6
Charge-rate compensation input
7.
Pin Description Package Marking Information
Top line: Part Number.
Bottom line : Lot No.
Part Number
Package Type
Marking
FS3871D-G
TSSOP-8
FS3871D
*******
FS3871E-G
MSOP-8
3871E
*******



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com