Electronic Components Datasheet Search
  English  ▼

X  

FS3871 Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS3871
Description  LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS3871 Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS3871 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
11.
Absolute Maximum Ratings
((unless otherwise noted))
Parameter
Rating
Unit
Supply voltage (Vcc with respect to GND)
-0.3 to 18
V
Input voltage, SNS, BAT, TS, CRC (all with respect to GND)
-0.3 to VCC+0.3
V
Sink current (STAT pin) not to exceed PD
20
mA
Source current (STAT pin) not to exceed PD
10
mA
Output current (CC pin) not to exceed PD
40
mA
Total power dissipation, PD (at 25℃)
300
mW
Operating free-air temperature range, TA
–
10 to 70
C
Storage temperature range, Tstg
-40~125
C
Lead temperature (soldering, 10 s)
300
C
12.
Electrical Characteristics
13.
DC Characteristics
(TA=25C, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(REG)
V(BAT)+0.3 V ≤ VCC ≤ VCC(max)
4.158
4.200
4.242
V
V(RCH)
VO(REG)–98
mV
VO(REG)–100
mV
VO(REG)–102
mV
V
V(min)
3.04
3.10
3.16
V
V(SNS)
High-side current sensing configuration
95.4
105
115.5
mV
Low-side current sensing configuration
90
110
130
mV
V(TS1)
TS pin voltage
29.1
30.0
30.9
%V
V(TS2)
TS pin voltage
58.3
60.0
61.8
%V
G(CRC)
V(BAT)+0.3 V ≤ VCC ≤ VCC(max)
1.87
2.2
2.53
V/V
VOL(STAT)
IOL = 10mA
0.70
V
VOH(STAT) IOH = 3mA
VCC-0.5
V
VOL(CC)
IO(CC) = 2 mA (sink)
1.5
V
I(VCC)
VCC > VCC(min), Excluding external loads
0.1
0.2
mA
IIB(BAT)
V(BAT) = V(REG)
2
uA
IIB(SNS)
V(SNS)= 5 V
2
uA
IIB(TS)
V(TS) = 5 V
2
uA
IIB(CRC)
V(CRC) = 5 V
2
uA
I(VCCS)
V(BAT) ≥ V(min), V(BAT) – VCC ≥ 0.8 V
0.5
2
µA
IO(CC)
Not to exceed power rating specification (PD)
5
40
mA
I(TERM)
Voltage at pin SNS, relative to VCC for
high-side sensing,0°C ≤ TA ≤ 50°C
–
30
–
14
–
4
mV
I(PRECHG)
Voltage at pin SNS, relative to VCC for
high-side sensing, 0°C ≤ TA ≤ 50°C, VCC = 5
V
3
13
22
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com