Electronic Components Datasheet Search
  English  ▼

X  

FS3871 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS3871
Description  LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS3871 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS3871 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS3871 Datasheet HTML 13Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Condition
STAT pin
Battery conditioning and charging
High
Charge complete(done)
Low
Temperature fault or sleep mode
Hi-Z
Voltage regulation phase
The voltage regulation feedback is through the BAT
pin. This input is tied directly to the positive side of
the battery pack. The FS3871 monitors the
battery-pack voltage between the BAT and VSS
pins.
The FS3871 is offered in two fixed-voltage versions:
4.2V and 8.4 V.
Other regulation voltages can be achieved by adding
a voltage divider between the positive and negative
terminals of the battery pack .The voltage divider
presents scaled battery-pack voltage to BAT input.
The resistor values RB1 and RB2 for the voltage
divider are calculated by the following equation:
1
]
V
V
*
N
[
RB2
RB1
O(REG)
(CELL)
Where:
N = Number of cells in series
V(CELL) = Desired regulation voltage per cell
Automatic charge-rate compensation
For internal impedance of the battery pack, the
FS3871 uses the proprietary automatic charge-rate
compensation technique (CRC).
The CRC pin must not be left floating. The feature is
disabled by connecting the CRC pin to VCC in
high-side current-sensing configuration, and to VSS
in low-side current-sensing configuration.
Compensation is achieved through input pin CRC. A
portion of the current-sense voltage, presented
through this pin, is scaled by a factor of G(CRC) and
summed
with
the
regulation
threshold,
VO(REG).This process increases the output voltage
to compensate for the battery pack’s internal
impedance and for undesired voltage drops in the
circuit.
The CRC setup requires the following information:
1.Total impedance of battery pack (Z(PACK))
2. Maximum charging current (I(REG))
The voltage drop across the internal impedance of
battery pack, V(Z), can then be calculated using the
following equation:
]
V
*
[G
V
V
G
V
V
(CRC)
(CRC)
O(REG)
(PACK)
(CRC)
(Z)
(CRC)
Where V(CRC) is the voltage on CRC pin. This
voltage is referenced to VCC in high-side current
sensing configuration and to VSS for low-side
sensing. V(PACK) is the voltage across the battery
pack.The values of R(CRC1) and R(CRC2) can be
calculated using the following equation:
(CRC2)
(CRC1)
(CRC2)
(SNS)
(CRC)
R
R
R
V
V
16.
Application Information
Selecting an external pass-transistor
The FS3871 drives an external PNP transistor or
P-channel MOSFET to control the charging current.
The specifications must be concerned are the
voltage and current rating and package power
dissipation. The following examples illustrate the
design process for either device:
PNP transistor:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com