Electronic Components Datasheet Search
  English  ▼

X  

FD170H Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FD170H
Description  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FD170H Datasheet HTML 1Page - Feeling Technology Corp. FD170H Datasheet HTML 2Page - Feeling Technology Corp. FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FD170H
Rev1.0 May. 08, 2009
P.3
FEELING
TECHNOLOGY
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Operating Temperature
TOP
-
-40
105
℃
Storage Temperature
TST
-
-55
150
℃
DC Supply Voltage
VDD
-
29
V
Output Voltage (NO, SO)
VOUT
-
VDD+0.3V
V
Supply Current
IDD
-
2
mA
Continuous Current
IO(CONT)
±20
mA
Hold Current
IO(HOLD)
±50
mA
Peak Current
IO(PEAK)
<100µs
±150
mA
Junction Temperature
TJ
170
℃
Power Dissipation
PD
SIP-4L
500
mW
Thermal Resistance
θ
JC
SIP-4L
100
℃
/W
Thermal Resistance
θ
JA
SIP-4L
250
℃
/W
Magnetic Flux Density
B
Unlimited
Gauss
IR-Reflow Lead Temperature
TP
10sec
260
℃
255 ± 5
oC
10 ± 1 sec
150 ± 10
oC
90 ± 30 sec
2~5
oC /sec
2~5
oC /sec
SECOND
IR-ReFlow Soldering Condition
0
2 5
5 0
75
1 0 0
1 2 5
15 0
3 0 8
4 0 8
5 0 0
P d (m W )
T e m p . (
)
o C
P o w er D is sip atio n C u rv e
2 2 0
1 2 0
4 8
0
1 05 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com