Electronic Components Datasheet Search
  English  ▼

X  

FD170H Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FD170H
Description  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FD170H Datasheet HTML 1Page - Feeling Technology Corp. FD170H Datasheet HTML 2Page - Feeling Technology Corp. FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FD170H
Rev1.0 May. 08, 2009
P.5
FEELING
TECHNOLOGY
RDSON vs. TA
0
100
200
300
400
500
600
700
800
900
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
TA (oC)
Vdd= 4V
Vdd=12V
Vdd=24V
Vdd=28V
RDSON vs. VDD
0
100
200
300
400
500
600
700
800
900
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
VDD(volts)
Ta = -40
Ta = 25
Ta = 85
Magnetic parameters vs. VDD
-15
-10
-5
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
VDD(volts )
Bop, Ta=25
Brp, Ta=25
Bhyst, Ta=25
Magnetic parameters vs. TA
-15
-10
-5
0
5
10
15
20
25
30
-4
0
-3
0
-2
0
-1
0
0 10 20 30 40 50 60 70 80 90
TA (oC)
Bop, Vdd= 4V
Brp, Vdd= 4V
Bhyst, Vdd= 4V
Bop, Vdd=28V
Brp, Vdd=28V
Bhyst, Vdd=28V
IDD vs TA
0
0.5
1
1.5
2
2.5
-40 -30
-20
-10
0
10
20
30
40
50
60
70
80
90
TA (oC)
Vdd= 4V
Vdd=12V
Vdd=24V
Vdd=28V
IDD vs VDD
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
VDD (volts)
Ta = -40
Ta = 25
Ta = 85
Performance Graphs
Figure.4
Figure.5
Figure.6
Figure.7
Figure.8
Figure.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com