Electronic Components Datasheet Search
  English  ▼

X  

FD170H Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD170H
Description  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD170H Datasheet HTML 1Page - Feeling Technology Corp. FD170H Datasheet HTML 2Page - Feeling Technology Corp. FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FD170H
Rev1.0 May. 08, 2009
P.4
FEELING
TECHNOLOGY
Recommended Operating Conditions
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Supply Voltage
VDD
-
4.0
28
V
Operating Temperature Range
Ta
-
-40
105
℃
Electrical Characteristics Ta=25℃
℃
℃
℃
(unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Average Supply Current(no load)
IDD
VDD = 24V
1.0
mA
On resistance
RDS(ON)
VDD = 5V
800
VDD = 24V
500
Thermal Shutdown Threshold
TSHUT
150
℃
Locked Rotor Period
TON
0.4
s
Locked Rotor Period
TOFF
4.0
s
Propagation Delay Time
TPD
10
µs
Magnetic Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Operate Points
BOP
5
25
50
G
Release Points
BRP
-5
-25
-50
G
Hysteresis
BHYS
50
G
Driver output vs. Magnetic Pole
Parameter
Test Conditions
NO
SO
North pole
B < Brp
High
Low
South pole
B > Bop
Low
High
Note: The magnetic pole is applied facing the branded side of the package
Hysteresis Characteristics
NO
SO
V
Brp
Bop
B
Brp
Bop
V
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com