Electronic Components Datasheet Search
  English  ▼

X  

FD170H Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD170H
Description  Complementary output driver with Hall sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD170H Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD170H Datasheet HTML 1Page - Feeling Technology Corp. FD170H Datasheet HTML 2Page - Feeling Technology Corp. FD170H Datasheet HTML 3Page - Feeling Technology Corp. FD170H Datasheet HTML 4Page - Feeling Technology Corp. FD170H Datasheet HTML 5Page - Feeling Technology Corp. FD170H Datasheet HTML 6Page - Feeling Technology Corp. FD170H Datasheet HTML 7Page - Feeling Technology Corp. FD170H Datasheet HTML 8Page - Feeling Technology Corp. FD170H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FD170H
Complementary output driver with Hall sensor
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.0 May. 08, 2009
P.1
FEELING
TECHNOLOGY
Features
High sensitivity Hall-effect sensor
Low power consumption
Output clamping totem-pole drivers
Lock-shutdown protection & auto-restart function
Edge detector and propagation delay timer
Thermal shutdown protection(TSD)
Available in SIP-4L package
For 12V to 48V DC motor / FAN systems
General Description
FD170H is a complementary dual pre-drivers output with embedded Hall-effect sensor IC. It integrates a output
clamping totem-pole drivers for NPN or NMOS drivers, a high sensitivity hall-effect sensor, an event timer for rotor
locked in SIP-4L package, which make this solution operation under a high power conditions of DC motors or FANs
as simply as possible.
For safety, Lock-shutdown function would turn the IC’s internal drivers off avoiding over-heat when the rotor is
locked, and IC will try to re-start the rotor’s torque after the time of these drivers’ shutdown.
Thermal-shutdown protection (TSD) ensures the internal drivers of IC are operating under a safe operating
temperature range.
All the protection mechanisms mentioned above combine to provide a complete protecting scenario in the motor
system and avoid any possible damages and guarantee under a correct and safe operation.
Block Diagram
Figure.1
Halogen Free
Bias Generator
Chopper
Amp.
Digital
Control
Logic
LSD & Re-running
Timer
Delay Timer
Edge
Detector
1
4
2
3
VDD
GND
NO
SO


Similar Part No. - FD170H

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
FD177 SITI-FD177 Datasheet
251Kb / 8P
Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )
logo
Western Digital Corpora...
FD1771 WESTERN-FD1771 Datasheet
960Kb / 20P
Floppy Disk Formatter/Controller
JUNE, 1980
FD1771-01 WESTERN-FD1771-01 Datasheet
960Kb / 20P
Floppy Disk Formatter/Controller
JUNE, 1980
logo
Silicon Touch Technolog...
FD178 SITI-FD178 Datasheet
302Kb / 10P
Single Coil Brushless DC Motor Drivers with Soft-Switching and PWM control ( 2.0 to 6.5 Volts )
FD178A SITI-FD178A Datasheet
372Kb / 10P
Built-in Hall sensor input signal amplifier
More results

Similar Description - FD170H

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
Hall Effect Sensor IC with Complementary Output Drivers
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.1
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com