Electronic Components Datasheet Search
  English  ▼

X  

LD5760GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 7Page - Leadtrend Technology LD5760GS Datasheet HTML 8Page - Leadtrend Technology LD5760GS Datasheet HTML 9Page - Leadtrend Technology LD5760GS Datasheet HTML 10Page - Leadtrend Technology LD5760GS Datasheet HTML 11Page - Leadtrend Technology LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LD5760
11/05/2015
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
Application Information
Operation Overview
As long as the requirement for green power becomes a
trend and the power saving is getting more and more
important for the switching power supplies and switching
adaptors, the traditional PWM controllers are not able to
support such new requirements. Due to the cost and
size limit, the PWM controller designer is bound to
integrate with more functions to reduce the external part
counts. The LD5760 is ideal for these applications. Its
detailed features are described as below.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
The traditional circuit provides the startup current
through a startup resistor to power up the PWM
controller. However, it consumes much significant
power to meet the current power saving requirement. In
most cases, startup resistors carry larger resistance and
spend more time to start up.
To achieve the optimized topology, as shown in Fig. 12,
LD5760 is implemented with a high-voltage startup
circuit for such requirement. At startup, the high-voltage
current source sinks current of AC Line/or Neutral to
provide startup current and charge the capacitor C1
connected to VCC.
At the startup transient, the HV current will supply
around 2.8mA to VCC capacitor until this VCC voltage
reaches the UVLO threshold VCC. By using such
configuration, the turn-on delay time will be almost same
no matter under low-line or high-line conditions.
EMI
Filte
r
+
~
~
AC
Input
OTP
GND
CS
OUT
VCC
HV
LD5760
Fig. 12
As VCC trips UVLO(OFF), HV pin will recharge VCC
capacitor till VCC voltage rises back to UVLO(ON) again.
Since then, HV pin would no longer charge the capacitor
and instead, send a gate drive signal to draw supply
current for VCC from the auxiliary winding of the
transformer. That minimizes the power loss on the
start-up circuit successfully.
An UVLO comparator is embedded to detect the voltage
across the VCC pin to ensure the supply voltage enough
to power on the LD5760 and in addition, to drive the
power MOSFET.
As shown in Fig. 13, a hysteresis is
provided to prevent shutdown from the voltage dip
during startup.
The turn-on and turn-off threshold level
are set at 16V and 7V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com