Electronic Components Datasheet Search
  English  ▼

X  

LD5760GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5760GS
Description  High Voltage Green-Mode PWM Controller with Brown-In/Out Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5760GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5760GS Datasheet HTML 8Page - Leadtrend Technology LD5760GS Datasheet HTML 9Page - Leadtrend Technology LD5760GS Datasheet HTML 10Page - Leadtrend Technology LD5760GS Datasheet HTML 11Page - Leadtrend Technology LD5760GS Datasheet HTML 12Page - Leadtrend Technology LD5760GS Datasheet HTML 13Page - Leadtrend Technology LD5760GS Datasheet HTML 14Page - Leadtrend Technology LD5760GS Datasheet HTML 15Page - Leadtrend Technology LD5760GS Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LD5760
11/05/2015
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5760-DS-02 November 2015
Vcc
VCC-ON
VCC-OFF
t
t
HV Current
2.8mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
Fig. 13
Brown in/out Protection
The LD5760 features Burn-in/out function on HV pin. As
the built-in comparator detects the half wave rectify line
voltage condition, it will shut off the controller to prevent
from any damage.
Fig. 14 shows the operation.
When VHV < HVBO, the gate output will remain off even
when the VCC already reaches UVLO(ON). It therefore
forces the VCC hiccup between UVLO(ON) and
UVLO(OFF).
Unless the line voltage rises over HVBI
VAC, the gate output will not start switching even as the
next UVLO(ON) is tripped. A hysteresis is implemented
to prevent the false-triggering during turn-on and
turn-off.
VHVBI
t
Vcc
t
OUT
Switching
Non-Switching
t
VHV(peak)
t
Line Voltage
VHVBO
Non-
Switching
AC OK area
VCC-ON
VCC-OFF
Fig. 14
Current Sensing, Leading-Edge Blanking
and the Negative Spike on CS Pin
The typical current mode PWM controller feedbacks
both current signal and voltage signal to close the
control loop and achieve regulation. The LD5760
detects the primary MOSFET current across CS pin to
control in peak current mode and also limit the
pulse-by-pulse current. The maximum voltage threshold
of the current sensing pin is set at 0.7V. Thus the
MOSFET peak current can be calculated as:
S
)
MAX
(
PEAK
R
V
7
.
0
I
A 300nS leading-edge blanking (LEB) time is designed
in the input of CS pin to prevent false-triggering from the
current spike. In the low power applications, if the total
pulse width of the turn-on spikes is less than 150nS and
the negative spike on the CS pin does not exceed -0.3V,
the R-C filter (as shown in Fig. 15) is free to eliminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com